Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16956 Datasheet (PDF) - Maxim Integrated Products

MAX16956 Datasheet PDF - Maxim Integrated Products
Part # MAX16956
Download  MAX16956 Download
File Size   1776.5 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Mini Buck Converter

MAX16956 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16956 Datasheet PDF - Maxim Integrated Products

Part # MAX16956
Download  MAX16956 Click to download

File Size   1776.5 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Mini Buck Converter

MAX16956 Datasheet (HTML) - Maxim Integrated Products


MAX16956 Product details

General Description
The MAX16956 is a small, synchronous buck converter with integrated high-side and low-side switches. The device is designed to deliver up to 300mA with input voltages from 3.5V to 36V, while using only 1.1µA quiescent current at no load (fixed-output versions). Voltage quality can be monitored by observing the RESET signal. The device can operate near dropout by running at 97% duty cycle, making it ideal for automotive applications under cold-crank.

Benefts and Features
● Integration and High-Switching Frequency Saves Space
    • DC-DC Converter Up to 300mA Capability
    • Fixed 5V/3.3V or Programmable Output-Voltage Options (1V to 10V)
    • Current-Mode-Control Architecture
    • 2.1MHz Operating Frequency
    • Fixed 5.4ms Internal Soft-Start
● Spread-Spectrum Frequency Modulation Reduces EMI Emissions
● Low IQ Enables Designers to Meet Stringent OEM Module Power-Consumption Requirements
    • 1.1µA Quiescent Current in Standby Mode (Fixed-Output-Voltage Versions Only)
● Wide Input Voltage Range Supports Automotive Applications
    • Operating VIN Range: 3.5V to 36V (42V Tolerant)
    • 97% (Max) Duty-Cycle Operation with Low Dropout
● Robust Performance Supports Wide Range of Automotive Applications
    • Short-Circuit, Thermal Protections
    • -40°C to +125°C Automotive Temperature Range
    • AEC-Q100 Qualified

Applications
● Automotive Body ECUs
● Point-of-Load Applications
● Distributed DC Power Systems




Similar Part No. - MAX16956

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16956AUB_+ MAXIM-MAX16956AUB_+ Datasheet
1Mb / 17P
36V, 300mA, Mini Buck Converter with 1.1關A IQ
2021
MAX16956AUB_/V+ MAXIM-MAX16956AUB_/V+ Datasheet
1Mb / 17P
36V, 300mA, Mini Buck Converter with 1.1關A IQ
2021
MAX16956 MAXIM-MAX16956_V01 Datasheet
1Mb / 17P
36V, 300mA, Mini Buck Converter with 1.1關A IQ
2021
More results


Similar Description - MAX16956

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16904_V5 MAXIM-MAX16904_V5 Datasheet
496Kb / 14P
2.1MHz, High-Voltage, 600mA Mini-Buck Converter
Rev 5; 6/12
MAX16904 MAXIM-MAX16904_13 Datasheet
533Kb / 15P
2.1MHz, High-Voltage, 600mA Mini-Buck Converter
Rev 6; 4/13
logo
ON Semiconductor
LC74735YW ONSEMI-LC74735YW Datasheet
344Kb / 52P
Mini Buck Converter for RF Power Amplifiers
July, 2013
NL17SZYYXV5T2 ONSEMI-NL17SZYYXV5T2 Datasheet
95Kb / 4P
Mini Buck Converter for RF Power Amplifiers
November, 2002 ??Rev. 2
2SC5490A ONSEMI-2SC5490A Datasheet
478Kb / 7P
Mini Buck Converter for RF Power Amplifiers
August, 2013
NMF3506 ONSEMI-NMF3506 Datasheet
48Kb / 6P
Mini Buck Converter for RF Power Amplifiers
March, 2004 ??Rev. P0
STK984-190-E ONSEMI-STK984-190-E Datasheet
576Kb / 9P
Mini Buck Converter for RF Power Amplifiers
October 2015 - Rev. P0
logo
Maxim Integrated Produc...
MAX20075 MAXIM-MAX20075 Datasheet
947Kb / 16P
36V, 600mA/1.2A Mini Buck Converter
Rev 10; 8/19
MAX16903 MAXIM-MAX16903_V01 Datasheet
719Kb / 15P
2.1MHz, High-Voltage, 1A Mini-Buck Converter
2017
logo
Analog Devices
MAX25262 AD-MAX25262 Datasheet
1Mb / 20P
Automotive, 65V 2A/3A Mini Buck Converter
Rev 0 2/22
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com