Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUPP Datasheet (PDF) - Coto Technology

CUPP Datasheet PDF - Coto Technology
Part # CUPP
Download  CUPP Download
File Size   829.94 Kbytes
Page   2 Pages
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology
Description Standard nominal coil voltages include

CUPP Datasheet (PDF)

Go To PDF Page Download Datasheet
CUPP Datasheet PDF - Coto Technology

Part # CUPP
Download  CUPP Click to download

File Size   829.94 Kbytes
Page   2 Pages
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology
Description Standard nominal coil voltages include

CUPP Datasheet (HTML) - Coto Technology




Similar Part No. - CUPP

ManufacturerPart #DatasheetDescription
logo
Comus International
CUPP-001B112 COMUS-CUPP-001B112 Datasheet
318Kb / 1P
Magnetic Reed Relay - One pole - Form B - 12 VDC
CUPP-002A105 COMUS-CUPP-002A105 Datasheet
299Kb / 1P
Magnetic Reed Relay - Two pole - Form A - Dry contacts
CUPP-005A512 COMUS-CUPP-005A512 Datasheet
315Kb / 1P
Magnetic Reed Relay - Five pole - Form A - 12 VDC
More results


Similar Description - CUPP

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4057 CDI-DIODE-1N4057 Datasheet
50Kb / 2P
12.4 THRU 200 VOLT NOMINAL ZENER VOLTAGES 5%
logo
List of Unclassifed Man...
07HVP ETC2-07HVP Datasheet
200Kb / 1P
For High Voltages
logo
DB Lectro Inc
WH2002D DBLECTRO-WH2002D Datasheet
684Kb / 2P
5x8 dots include cursor
logo
Integrated Device Techn...
89HPEB383 IDT-89HPEB383 Datasheet
3Mb / 264P
Topics discussed include the following
logo
List of Unclassifed Man...
SP-K4 ETC2-SP-K4 Datasheet
500Kb / 2P
Withstands high voltages
logo
Texas Instruments
SN54ALS04B TI1-SN54ALS04B_14 Datasheet
1Mb / 20P
Package Options Include Plastic
SN54ALS32 TI1-SN54ALS32_15 Datasheet
1Mb / 18P
Package Options Include Plastic
SN54ALS133 TI1-SN54ALS133_15 Datasheet
792Kb / 16P
Package Options Include Plastic
logo
DIYI Electronic Technol...
BT151 DYELEC-BT151 Datasheet
2Mb / 5P
Typical applications include motor control
logo
Bel Fuse Inc.
LPM126-OUTA1-05 BEL-LPM126-OUTA1-05 Datasheet
2Mb / 16P
Standard output voltages of 1.5 to 54 VDC
More results




About Coto Technology


Coto Technology is a company that specializes in the design, development, and manufacturing of high-quality magnetic reed switches and other related products. The company was founded in 1917 and is based in North Kingstown, Rhode Island, USA.

Coto Technology offers a wide range of magnetic reed switches and related products, including high-voltage reed relays, automotive-grade reed switches, and surface-mount reed switches. These products are used in a variety of applications, including telecommunications, medical equipment, automotive electronics, and industrial controls.

In addition to magnetic reed switches, Coto Technology also offers a range of complementary products, including dry reed switches, reed sensors, and magnetic proximity sensors. The company has a reputation for producing high-quality, reliable products, and has won numerous awards and accolades for its work in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com