Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUPP Datasheet(PDF) 1 Page - Coto Technology

Part # CUPP
Description  Standard nominal coil voltages include
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

CUPP Datasheet(HTML) 1 Page - Coto Technology

  CUPP Datasheet HTML 1Page - Coto Technology CUPP Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CUPP Series Relays
The CUPP Series has become a standard in the European relay market due to its
versatile switch and schematic options. The staggered pin layout gives more space and
allows for higher isolation from pin to pin on the PC board when compared to
1.0” x 0.1” relays. Designers have a choice between two switch technologies:
ruthenium sputtered dry reed and the vertically mounted high performance
Hg wetted contact.
CUPP Series Features
u
Standard nominal coil voltages include
5, 12, and 24 volts
u
Designed to meet the most stringent telecom-
munications specification on a worldwide basis
u
Ideal for optional high isolation between input
& output (up to 4000Vrms)
u
Custom multi-pole contact forms available
CUPP RELAYS
u
Telecom
u
Process control
u
General purpose electronics
u
Industrial
u
Security
APPLICATIONS
Ordering Information
Part Number CUP-X-XXXX-X-XX
Model Number
P = Metal cover fully sealed
Contact Form
001A = 1 Form A
002A = 2 Form A
Nominal Voltage
05 = 5V
12 = 12V
24 = 24V
Switch Type
1 = Dry Reed
5 = HG Wetted
DIMENSIONS
in Inches (Millimeters)
u
Relays with Hg Wetted option must
be mounted vertically ±30˚
NOTE
1.30 Max.
(33.0)
0.020
(0.50)
0.025 DIA.
(0.64)
0.900-0.007
(22.86-0.18)
1.100-0.007
(27.94-0.18)
1
3
5
2
4
6
Top View
CUPP 1A
1.30 Max.
(33.0)
0.472 Max.
(12.0)
753 1
864 2
Top View
CUPP 2A
0.025 DIA.
(0.64)
0.020
(0.50)
0.125
(3.20)
0.393 Max.
(10.0)
0.900-0.007
(22.86-0.18)
1.100-0.007
(27.94-0.18)
0.300
(7.62)
0.100
(2.54)
1.30 Max.
(33.0)
0.020
(0.50)
0.025 DIA.
(0.64)
0.900-0.007
(22.86-0.18)
1.100-0.007
(27.94-0.18)
1
3
5
2
4
6
Top View
CUPP 1A
1.30 Max.
(33.0)
0.472 Max.
(12.0)
753 1
864 2
Top View
CUPP 2A
0.025 DIA.
(0.64)
0.020
(0.50)
0.125
(3.20)
0.393 Max.
(10.0)
0.900-0.007
(22.86-0.18)
1.100-0.007
(27.94-0.18)
0.300
(7.62)
0.100
(2.54)
CUPP 2A
CUPP 1A
tel: (401) 943.2686
|
fax: (401) 942.0920
54 | page


Similar Part No. - CUPP

ManufacturerPart #DatasheetDescription
logo
Comus International
CUPP-001B112 COMUS-CUPP-001B112 Datasheet
318Kb / 1P
Magnetic Reed Relay - One pole - Form B - 12 VDC
CUPP-002A105 COMUS-CUPP-002A105 Datasheet
299Kb / 1P
Magnetic Reed Relay - Two pole - Form A - Dry contacts
CUPP-005A512 COMUS-CUPP-005A512 Datasheet
315Kb / 1P
Magnetic Reed Relay - Five pole - Form A - 12 VDC
More results

Similar Description - CUPP

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4057 CDI-DIODE-1N4057 Datasheet
50Kb / 2P
12.4 THRU 200 VOLT NOMINAL ZENER VOLTAGES 5%
logo
List of Unclassifed Man...
07HVP ETC2-07HVP Datasheet
200Kb / 1P
For High Voltages
logo
DB Lectro Inc
WH2002D DBLECTRO-WH2002D Datasheet
684Kb / 2P
5x8 dots include cursor
logo
Integrated Device Techn...
89HPEB383 IDT-89HPEB383 Datasheet
3Mb / 264P
Topics discussed include the following
logo
List of Unclassifed Man...
SP-K4 ETC2-SP-K4 Datasheet
500Kb / 2P
Withstands high voltages
logo
Texas Instruments
SN54ALS04B TI1-SN54ALS04B_14 Datasheet
1Mb / 20P
Package Options Include Plastic
SN54ALS32 TI1-SN54ALS32_15 Datasheet
1Mb / 18P
Package Options Include Plastic
SN54ALS133 TI1-SN54ALS133_15 Datasheet
792Kb / 16P
Package Options Include Plastic
logo
DIYI Electronic Technol...
BT151 DYELEC-BT151 Datasheet
2Mb / 5P
Typical applications include motor control
logo
Bel Fuse Inc.
LPM126-OUTA1-05 BEL-LPM126-OUTA1-05 Datasheet
2Mb / 16P
Standard output voltages of 1.5 to 54 VDC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com