Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUPP Datasheet(PDF) 2 Page - Coto Technology

Part # CUPP
Description  Standard nominal coil voltages include
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

CUPP Datasheet(HTML) 2 Page - Coto Technology

  CUPP Datasheet HTML 1Page - Coto Technology CUPP Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CUPP
Dry Reed
Hg Wetted
Parameters
Test Conditions
Units
1A
2A
1A
2A
COIL SPECIFICATIONS
Nom. Coil Voltage
VDC
5
12
24
5
12
24
5
12
24
5
12
24
Max. Coil Voltage
VDC
12
29
57
9
23
45
11
26
39
9
23
35
Coil Resistance
+/- 10% (25°C)
Ohms
140 855 3285 70
445 1700 105 620 1400 70
420 1080
Operate Voltage
Must Operate by
VDC - Max.
3.5
8.4 16.8 3.5
8.4 16.8 3.5
8.4 16.8 3.5
8.4 16.8
Release Voltage
Must Release by
VDC - Min. 0.28 0.7
1.4 0.25 .65
1.3
0.5
1.2
1.9
0.5
1.3
2.2
CONTACT RATINGS
Switching Voltage
Max DC/Peak AC Resist.
Volts
200
200
1000
1000
Switching Current
Max DC/Peak AC Resist.
Amps
0.75
0.75
2
2
Carry Current
Max DC/Peak AC Resist.
Amps
1.5
1.5
4
4
Contact Rating (Resistive Load)
Max DC/Peak AC Resist.
Watts
10
10
50
50
Life Expectancy
Signal Level 1.0V 10,mA
x106 Ops.
500
500
2000
2000
Static Contact Resistance
50mV/10mA
mOhms
200
200
RELAY SPECIFICATIONS
Insulation Resistance
(minimum)
Across Open Contacts
Contact to Coil
Ohms
Ohms
1010
1010
1010
1010
108
1010
108
1010
Capacitance - Typical
Across Open Contacts
Open Contact to Coil
Closed Contact to Coil
pF
pF
pF
1
2.5
5
1
2.5
5
12
2
5
12
2
5
Dielectric Strength
(minimum)
Across Open Contacts
Contacts to Coil
VDC/Peak
VDC/Peak
350
2800
350
2800
2000
2800
2000
2800
Operate Time -
(including bounce)
At Nominal Coil Voltage,
10 Hz Square Wave
ms
0.55
0.55
Release Time - Typical
ms
0.5
0.5
1.5
1.5
All parameters are measured at 25°C unless otherwise stated .
Environmental Ratings:
Storage Temp: -40°C to +105°C; Operating Temp: -38°C to +85°C; Solder Temp: 270°C max; 10 sec . max
All electrical parameters measured at 25°C unless otherwise specified .
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
1
3
5
2
4
6
Top View
CUPP 1A
1
3
5
7
4
6
Top View
CUPP 2A
1
3
5
2
4
6
Top View
CUPP 1A
1
3
5
7
4
6
Top View
CUPP 2A
1
3
5
2
4
6
Top View
CUPP 1A
1
3
5
7
4
6
Top View
CUPP 2A
1
3
5
2
4
6
Top View
CUPP 1A
1
3
5
7
4
6
Top View
CUPP 2A
COTO TECHNOLOGY, INC.
For most recent data visit www.cotorelay.com
page | 55



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com