Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1939 Datasheet (PDF) - Linear Technology

LT1939 Datasheet PDF - Linear Technology
Part # LT1939
Download  LT1939 Download
File Size   354.89 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller

LT1939 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1939 Datasheet PDF - Linear Technology

Part # LT1939
Download  LT1939 Click to download

File Size   354.89 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller

LT1939 Datasheet (HTML) - Linear Technology




Similar Part No. - LT1939

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1939 LINER-LT1939 Datasheet
347Kb / 24P
Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939 Datasheet
441Kb / 34P
40V 400mA Step-Down Switching Regulator with Dual Fault Protected LDOs
LT1939 LINER-LT1939 Datasheet
382Kb / 28P
40V 400mA Step-Down Switching Regulator with Dual Fault Protected Tracking LDOs
LT1939EDD-PBF LINER-LT1939EDD-PBF Datasheet
347Kb / 24P
Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939EDD-TRPBF LINER-LT1939EDD-TRPBF Datasheet
347Kb / 24P
Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
More results


Similar Description - LT1939

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
logo
Intersil Corporation
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
Monolithic 2A Step-Down Regulator
December 8, 2006
logo
Linear Technology
LT1939 LINER-LT1939 Datasheet
347Kb / 24P
Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3500 LINER-LT3500 Datasheet
286Kb / 28P
Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3510 LINER-LT3510 Datasheet
310Kb / 28P
Monolithic Dual Tracking 2A Step-Down Switching Regulator
logo
Intersil Corporation
EL7532 INTERSIL-EL7532 Datasheet
226Kb / 8P
Monolithic 2A Step-Down Regulator
logo
Linear Technology
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT1939 LINER-LT1939_15 Datasheet
354Kb / 24P
Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3500 LINER-LT3500_15 Datasheet
328Kb / 28P
Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
logo
Renesas Technology Corp
EL7532 RENESAS-EL7532 Datasheet
506Kb / 9P
Monolithic 2A Step-Down Regulator
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com