Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC245 Datasheet (PDF) - Hitachi Semiconductor

74LVC245 Datasheet PDF - Hitachi Semiconductor
Part # 74LVC245
Download  74LVC245 Download
File Size   51.5 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Octal Bidirectional Transceivers with 3-state Outputs

74LVC245 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC245 Datasheet PDF - Hitachi Semiconductor

Part # 74LVC245
Download  74LVC245 Click to download

File Size   51.5 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Octal Bidirectional Transceivers with 3-state Outputs

74LVC245 Datasheet (HTML) - Hitachi Semiconductor


74LVC245 Product details

Description
The HD74LVC245A has eight buffers with three state outputs in a 20 pin package.
   
Features
• VCC = 2.0 V to 5.5 V
• All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All input outputs VI/O (Max.) = 5.5 V (@VCC = 0 V or output off state)
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±24 mA (@VCC = 3.0 V to 5.5 V)
   




Similar Part No. - 74LVC245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVC245A STMICROELECTRONICS-74LVC245A Datasheet
240Kb / 9P
LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (NOT INVERTED) HIGH PERFORMANCE
Feb-2002
logo
NXP Semiconductors
74LVC245A PHILIPS-74LVC245A Datasheet
125Kb / 20P
Octal bus transceiver with direction pin with 5 V tolerant input/outputs (3-state)
2003 May 07
logo
STMicroelectronics
74LVC245A STMICROELECTRONICS-74LVC245A Datasheet
303Kb / 12P
LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (NOT INVERTED) HIGH PERFORMANCE
26-Jul-2004
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
ON Semiconductor
74LVC245A ONSEMI-74LVC245A Datasheet
92Kb / 9P
Low-Voltage CMOS Octal Buffer
October, 2015 ??Rev. 0
More results


Similar Description - 74LVC245

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVCR2245A HITACHI-HD74LVCR2245A Datasheet
68Kb / 13P
Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCZ245A HITACHI-HD74LVCZ245A Datasheet
58Kb / 11P
Octal Bidirectional Transceivers with 3-state Outputs
logo
Renesas Technology Corp
RD74LVC245B RENESAS-RD74LVC245B Datasheet
111Kb / 8P
Octal Bidirectional Transceivers with 3-state Outputs
HD74LVC245A RENESAS-HD74LVC245A Datasheet
191Kb / 7P
Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCR2245A RENESAS-HD74LVCR2245A Datasheet
205Kb / 10P
Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCZ245A RENESAS-HD74LVCZ245A Datasheet
105Kb / 9P
Octal Bidirectional Transceivers with 3-state Outputs
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74LVCZ245A RENESAS-HD74LVCZ245A_15 Datasheet
124Kb / 11P
Octal Bidirectional Transceivers with 3?뱒tate Outputs
RD74LVC245B RENESAS-RD74LVC245B_15 Datasheet
133Kb / 10P
Octal Bidirectional Transceivers with 3-state Outputs
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com