Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLA02 Datasheet (PDF) - STMicroelectronics

STLA02 Datasheet PDF - STMicroelectronics
Part # STLA02
Download  STLA02 Download
File Size   732.17 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description White LED driver for display backlight

STLA02 Datasheet (PDF)

Go To PDF Page Download Datasheet
STLA02 Datasheet PDF - STMicroelectronics

Part # STLA02
Download  STLA02 Click to download

File Size   732.17 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description White LED driver for display backlight

STLA02 Datasheet (HTML) - STMicroelectronics


STLA02 Product details

Description
STLA02 is a boost converter that operates from 2.5 V to 18 V and can provide an output voltage as high as 27 V and can drive up to 6 white LEDs connected in series. The total output current capability is 20 mA at an output voltage of 24 V. The total output power capability is up to 500 mW. The regulation is done by the internal error amplifier which works with the feedback voltage from the sensing resistor connected in high side sensing configuration. The device can be turned on/off by the logic signal connected to the EN pin and this pin is also dedicated for the PWM dimming of the output current. Current mode control of the regulation allows a fast response to a change of the enable pin voltage level. DFN6 (2 x 2 mm)

Features
■ Boost DC-DC converter
■ Drives up to 6 LEDs with a total current up to 20 mA
■ Output power capability up to 500 mW
■ Input voltage range 2.5 V to 18 V
■ Output current control
■ 2.3 MHz switching frequency
■ PWM input for the output current dimming with 300:1 dimming range
■ 350 mA integrated switch
■ Overvoltage protection
■ Chip overtemperature detection and protection
■ Soft-start implemented

Applications
■ PDA and handheld devices
■ Cellular phones
■ MP3 players




Similar Part No. - STLA02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLA01 STMICROELECTRONICS-STLA01 Datasheet
267Kb / 16P
50 mA stand-alone linear LED driver
27-Nov-2007
More results


Similar Description - STLA02

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8843 AD-ADM8843 Datasheet
330Kb / 16P
4 White LED Backlight Driver
10/04-Revision 0
logo
STMicroelectronics
STLD40D STMICROELECTRONICS-STLD40D Datasheet
306Kb / 14P
White led power supply for large display backlight
04-Apr-2006
logo
New Japan Radio
NJW4600 NJRC-NJW4600 Datasheet
190Kb / 2P
White LED Driver for Backlight
NJW4603 NJRC-NJW4603 Datasheet
189Kb / 2P
White LED Driver for Backlight
logo
Holtek Semiconductor In...
HT7945 HOLTEK-HT7945 Datasheet
3Mb / 11P
White LED Backlight Driver
logo
Analog Devices
ADM8843 AD-ADM8843_15 Datasheet
284Kb / 16P
Four White LED Backlight Driver
REV. C
logo
STMicroelectronics
AN2333 STMICROELECTRONICS-AN2333 Datasheet
364Kb / 9P
White LED power supply for large display backlight
01-Jun-2011
STLD41 STMICROELECTRONICS-STLD41 Datasheet
788Kb / 19P
White LED driver for mid-size LCD display backlight
27-Jun-2012
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
STMicroelectronics
STLD40D STMICROELECTRONICS-STLD40D_V01 Datasheet
345Kb / 16P
White LED power supply for large display backlight
May 2011 Rev 7
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com