Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLA02 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLA02
Description  White LED driver for display backlight
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLA02 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLA02 Datasheet HTML 4Page - STMicroelectronics STLA02 Datasheet HTML 5Page - STMicroelectronics STLA02 Datasheet HTML 6Page - STMicroelectronics STLA02 Datasheet HTML 7Page - STMicroelectronics STLA02 Datasheet HTML 8Page - STMicroelectronics STLA02 Datasheet HTML 9Page - STMicroelectronics STLA02 Datasheet HTML 10Page - STMicroelectronics STLA02 Datasheet HTML 11Page - STMicroelectronics STLA02 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Typical performance characteristics
STLA02
8/23
Doc ID 010005 Rev 1
6
Typical performance characteristics
Figure 4.
Efficiency at 20 mA current load
50
53
56
59
62
65
68
71
74
77
80
83
86
89
92
2
3
4
5
6
7
8
9
10
11
12
13
14
15
VIN [V]
0
50
100
150
200
STLA02 20 mA / 18 V eff.
IN [mA]
AM07819v1
I IN [mA]
50
53
56
59
62
65
68
71
74
77
80
83
86
89
92
2
3
4
5
6
7
8
9
10
11
12
13
14
15
VIN [V]
0
50
100
150
200
STLA02 20 mA / 18 V eff.
IN [mA]
AM07819v1
I IN [mA]
Figure 5.
Quiescent current vs. VIN
0
5
10
15
20
0
2
4
6
8
1012
1416
1820
V
IN [V]
AM07820v1
0
5
10
15
20
0
2
4
6
8
1012
1416
1820
V
IN [V]
AM07820v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com