Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLA02 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STLA02
Description  White LED driver for display backlight
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLA02 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STLA02 Datasheet HTML 10Page - STMicroelectronics STLA02 Datasheet HTML 11Page - STMicroelectronics STLA02 Datasheet HTML 12Page - STMicroelectronics STLA02 Datasheet HTML 13Page - STMicroelectronics STLA02 Datasheet HTML 14Page - STMicroelectronics STLA02 Datasheet HTML 15Page - STMicroelectronics STLA02 Datasheet HTML 16Page - STMicroelectronics STLA02 Datasheet HTML 17Page - STMicroelectronics STLA02 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Introduction
STLA02
14/23
Doc ID 010005 Rev 1
7
Introduction
The STLA02 is a boost converter dedicated to powering and controlling the current of white
LEDs in an LCD backlight. The device operates at a typical constant switching frequency of
2.3 MHz. It steps an input voltage ranging from 2.5 V to 18 V, up to 27 V. The output current
is adjustable by the resistor RFB connected between the VOUT and FB pins. The STLA02
device contains high side sensing to simplify the PCB layout in terms of connection of the
LEDs.
The output current is dimmable by the PWM signal applied to the EN pin with minimum
PWM frequency equal 100 Hz.
7.1
PWM input (EN)
Light intensity can be dimmed by a signal applied to the PWM (EN) input.
The PWM signal is directly connected to the enable pin of the STLA02. It is recommended
to use the frequency of the PWM signal in the range of 100 Hz to 1 kHz and amplitude of the
signal 1.8 V min. The result of the direct PWM dimming method (300 Hz PWM and VEN =
1.8 V) is shown in Figure 17.
Note:
When the device is required to operate in a constant current mode with the EN pin
connected to the voltage higher than 1.8 V, then the delay between rise times of VIN voltage
of the device and the EN voltage is mandatory to guarantee the proper internal reset of the
logic of the device during ramping of the VIN. It is recommended to delay the EN voltage rise
time by 2 ms after the rise time on VIN appears.
7.2
Selection of the external components
CIN selection
It is recommended to use 1 µF as the input capacitor to achieve good stability of the device
and low noise on the VIN track.
COUT selection
It is recommended to use 1 µF as the optimal value of output capacitor to get the best
compromise between output voltage ripple and load transients response. The output ripple
can be checked according to the equation for step-up architecture:
Equation 1
Inductor selection
A thin shielded inductor with a low DC series winding resistance is recommended for this
application. To achieve a good efficiency in step-up mode, it is recommended to use an
inductor with a DC series resistance RDCL = RD/10 [Ω; Ω; 1], where RD is the dynamic
resistance of the LED [
Ω; Ω; 1].
(
)
[]
Hz
,
F
,
V
,
A
;
V
f
V
C
100
*
V
V
I
V
2
OUT
OUT
)
MIN
(
IN
OUT
)
MAX
(
OUT
PK
PK
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com