Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLA02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLA02
Description  White LED driver for display backlight
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLA02 Datasheet(HTML) 1 Page - STMicroelectronics

  STLA02 Datasheet HTML 1Page - STMicroelectronics STLA02 Datasheet HTML 2Page - STMicroelectronics STLA02 Datasheet HTML 3Page - STMicroelectronics STLA02 Datasheet HTML 4Page - STMicroelectronics STLA02 Datasheet HTML 5Page - STMicroelectronics STLA02 Datasheet HTML 6Page - STMicroelectronics STLA02 Datasheet HTML 7Page - STMicroelectronics STLA02 Datasheet HTML 8Page - STMicroelectronics STLA02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
February 2011
Doc ID 010005 Rev 1
1/23
23
STLA02
White LED driver for display backlight
Features
Boost DC-DC converter
Drives up to 6 LEDs with a total current up to 20
mA
Output power capability up to 500 mW
Input voltage range 2.5 V to 18 V
Output current control
2.3 MHz switching frequency
PWM input for the output current dimming with
300:1 dimming range
350 mA integrated switch
Overvoltage protection
Chip overtemperature detection and protection
Soft-start implemented
Package DFN6 2 x 2 mm
Applications
PDA and handheld devices
Cellular phones
MP3 players
Description
STLA02 is a boost converter that operates from
2.5 V to 18 V and can provide an output voltage
as high as 27 V and can drive up to 6 white LEDs
connected in series. The total output current
capability is 20 mA at an output voltage of 24 V.
The total output power capability is up to 500 mW.
The regulation is done by the internal error
amplifier which works with the feedback voltage
from the sensing resistor connected in high side
sensing configuration. The device can be turned
on/off by the logic signal connected to the EN pin
and this pin is also dedicated for the PWM
dimming of the output current. Current mode
control of the regulation allows a fast response to
a change of the enable pin voltage level.
DFN6 (2 x 2 mm)
Table 1.
Device summary
Part number
Order code
Package
STLA02
STLA02PUR
DFN6 (2 x 2 mm)
www.st.com


Similar Part No. - STLA02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLA01 STMICROELECTRONICS-STLA01 Datasheet
267Kb / 16P
50 mA stand-alone linear LED driver
27-Nov-2007
More results

Similar Description - STLA02

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8843 AD-ADM8843 Datasheet
330Kb / 16P
4 White LED Backlight Driver
10/04-Revision 0
logo
STMicroelectronics
STLD40D STMICROELECTRONICS-STLD40D Datasheet
306Kb / 14P
White led power supply for large display backlight
04-Apr-2006
logo
New Japan Radio
NJW4600 NJRC-NJW4600 Datasheet
190Kb / 2P
White LED Driver for Backlight
NJW4603 NJRC-NJW4603 Datasheet
189Kb / 2P
White LED Driver for Backlight
logo
Holtek Semiconductor In...
HT7945 HOLTEK-HT7945 Datasheet
3Mb / 11P
White LED Backlight Driver
logo
Analog Devices
ADM8843 AD-ADM8843_15 Datasheet
284Kb / 16P
Four White LED Backlight Driver
REV. C
logo
STMicroelectronics
AN2333 STMICROELECTRONICS-AN2333 Datasheet
364Kb / 9P
White LED power supply for large display backlight
01-Jun-2011
STLD41 STMICROELECTRONICS-STLD41 Datasheet
788Kb / 19P
White LED driver for mid-size LCD display backlight
27-Jun-2012
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
STMicroelectronics
STLD40D STMICROELECTRONICS-STLD40D_V01 Datasheet
345Kb / 16P
White LED power supply for large display backlight
May 2011 Rev 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com