Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K68 Datasheet (PDF) - Holtek Semiconductor Inc

HT82K68 Datasheet PDF - Holtek Semiconductor Inc
Part # HT82K68
Download  HT82K68 Download
File Size   260.14 Kbytes
Page   40 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Multimedia Keyboard Encoder OTP

HT82K68 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT82K68 Datasheet PDF - Holtek Semiconductor Inc

Part # HT82K68
Download  HT82K68 Click to download

File Size   260.14 Kbytes
Page   40 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Multimedia Keyboard Encoder OTP

HT82K68 Datasheet (HTML) - Holtek Semiconductor Inc


HT82K68 Product details

General Description

The HT82K68E is an 8-bit high performance peripheral interface IC, designed for multiple I/O products and multimedia applications. It supports interface to a low speed PC with multimedia keyboard or wireless keyboard in Windows 95, Windows 98 or Windows 2000 environment. A HALT feature is included to reduce power consumption.



Features

Operating voltage: 2.2V~5.5V

32/34 bidirectional I/O lines

One 8-bit programmable timer counter with overflow interrupts

Crystal or RC oscillator

Watchdog Timer

3K16 program EPROM

1608 data RAM

One external interrupt pin (shared with PC2)

2.4V LVR by option (default disable)

HALT function and wake-up feature reduce power consumption

Six-level subroutine nesting

Bit manipulation instructions

16-bit table read instructions

63 powerful instructions

All instructions in 1 or 2 machine cycles

20/28-pin SOP, 48-pin SSOP package



 




Similar Part No. - HT82K68

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K68A HOLTEK-HT82K68A Datasheet
315Kb / 39P
Multimedia Keyboard Encoder 8-Bit Mask MCU
December 26, 2005
HT82K68A HOLTEK-HT82K68A Datasheet
259Kb / 30P
8-Bit Multimedia Keyboard Encoder Mask MCU
November 20, 2001
HT82K68A-L HOLTEK-HT82K68A-L Datasheet
259Kb / 39P
Multimedia Keyboard Encoder 8-Bit MCU
August 9, 2007
HT82K68A-L HOLTEK-HT82K68A-L Datasheet
240Kb / 38P
Multimedia Keyboard Encoder 8-Bit MCU
August 5, 2009
HT82K68A HOLTEK-HT82K68A_01 Datasheet
259Kb / 30P
8-Bit Multimedia Keyboard Encoder Mask MCU
November 20, 2001
More results


Similar Description - HT82K68

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K96E HOLTEK-HT82K96E Datasheet
325Kb / 46P
8-Bit USB Multimedia Keyboard Encoder OTP MCU
April 22, 2004
HT82K94E HOLTEK-HT82K94E Datasheet
321Kb / 44P
USB Multimedia Keyboard Encoder 8-Bit MCU
November 22, 2005
HT82K68A HOLTEK-HT82K68A Datasheet
315Kb / 39P
Multimedia Keyboard Encoder 8-Bit Mask MCU
December 26, 2005
HT82K68E HOLTEK-HT82K68E_07 Datasheet
270Kb / 39P
Multimedia Keyboard Encoder 8-Bit OTP MCU
July 10, 2007
HT82K68E-L HOLTEK-HT82K68E-L Datasheet
259Kb / 39P
Multimedia Keyboard Encoder 8-Bit MCU
August 9, 2007
HT82K94E HOLTEK-HT82K94E_07 Datasheet
305Kb / 43P
USB Multimedia Keyboard Encoder 8-Bit MCU
October 11, 2007
HT82K96E HOLTEK-HT82K96E_07 Datasheet
321Kb / 44P
USB Multimedia Keyboard Encoder 8-Bit OTP MCU
October 11, 2007
HT82K68A HOLTEK-HT82K68A_01 Datasheet
259Kb / 30P
8-Bit Multimedia Keyboard Encoder Mask MCU
November 20, 2001
HT82K68E-L HOLTEK-HT82K68E-L_09 Datasheet
240Kb / 38P
Multimedia Keyboard Encoder 8-Bit MCU
August 5, 2009
HT82K68E-L HOLTEK-HT82K68E-L_11 Datasheet
260Kb / 39P
Multimedia Keyboard Encoder 8-Bit MCU
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com