Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K68 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT82K68
Description  Multimedia Keyboard Encoder OTP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K68 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT82K68 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
HT82K68E
7
August 8, 2000
Preliminary
T1
T2
T3
T4
T1
T2
T3
T4
T1
T2
T3
T4
F e t c h IN S T ( P C )
E x ec ut e I N S T ( P C - 1 )
F e tc h IN S T ( P C + 1 )
E x ec ut e I N S T ( P C )
F e t c h IN S T ( P C + 2 )
E x ec ut e I N S T ( P C + 1 )
PC
PC + 1
PC + 2
S yst e m C l o c k
O S C2 ( RC o n l y )
PC
( N M O S open dr ai n out put )
Execution flow
Functional Description
Execution flow
The HT82K68E system clock is derived from ei-
ther a crystal or an RC oscillator. The system
clock is internally divided into four
non-overlapping clocks. One instruction cycle
consists of four system clock cycles.
Instruction fetching and execution are
pipelined in such a way that a fetch takes one
instruction cycle while decoding and execution
takes the next instruction cycle. However, the
pipelining scheme causes each instruction to
effectively execute within one cycle. If an in-
struction changes the program counter, two cy-
cles are required to complete the instruction.
Program counter - PC
The 12-bit program counter (PC) controls the
sequence in which the instructions stored in the
program ROM are executed and its contents
specify a maximum of 4096 addresses.
After accessing a program memory word to
fetch an instruction code, the contents of the
program counter are incremented by one. The
program counter then points to the memory
word containing the next instruction code.
When executing a jump instruction, conditional
skip execution, loading PCL register, subrou-
tine call, initial reset, internal interrupt, exter-
nal interrupt or return from subroutine, the PC
manipulates the program transfer by loading
the address corresponding to each instruction.
The conditional skip is activated by instruction.
Once the condition is met, the next instruction,
fetched during the current instruction execu-
tion, is discarded and a dummy cycle replaces it
to get the proper instruction. Otherwise pro-
ceed with the next instruction.
The lower byte of the program counter (PCL) is
a readable and writeable register (06H). Moving
data into the PCL performs a short jump. The
destination will be within 256 locations.
Once a control transfer takes place, an addi-
tional dummy cycle is required.
Program memory - PROM
The program memory is used to store the pro-
gram instructions which are to be executed. It
also contains data, table, and interrupt entries,
and is organized with 3072 ´ 16 bits, addressed
by the program counter and table pointer.
Certain locations in the program memory are
reserved for special usage:
· Location 000
This area is reserved for the initialization
program. After chip reset, the program al-
ways begins execution at location 000H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com