Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K68 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT82K68
Description  Multimedia Keyboard Encoder OTP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K68 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT82K68 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 16Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 18Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 19Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
HT82K68E
16
August 8, 2000
Preliminary
Label
Bits
Function
¾
0~3
Unused bits, read as "0"
TON
4
To enable/disable timer counting
(0= disabled; 1= enabled)
¾
5
Unused bits, read as "0"
TM0
TM1
6
7
10= Timer mode (internal clock)
TMRC register
To enable the counting operation, the timer
ON bit (TON; bit 4 of TMRC) should be set to 1.
In the case of timer counter OFF condition,
writing data to the timer counter preload reg-
ister will also reload that data to the timer
counter. But if the timer counter is turned on,
data written to it will only be kept in the
timer counter preload register. The timer coun-
ter will still operate until overflow occurs. When
the timer counter (reading TMR) is read, the
clock will be blocked to avoid errors. As clock
blocking may results in a counting error, this
must be taken into consideration by the program-
mer.
Input/output ports
There are 32 bidirectional input/output lines in
the HT82K68E, labeled from PA to PE, which
are mapped to the data memory of [12H], [14H],
[16H], [18H] and [1AH] respectively. All these
I/O ports can be used for input and output opera-
tions. For input operation, these ports are
non-latching, that is, the inputs must be ready
at the T2 rising edge of instruction MOV A,[m]
(m=12H, 14H, 16H, 18H or 1AH). For output op-
eration, all data is latched and remains un-
changed until the output latch is rewritten.
S yst e m C l o ck/ 4
TM 1
TM 0
TM 1
TM 0
TO N
P u l s e W i dt h
M eas ur e m ent
M ode C ont r o l
T i m e r C o unt er
P r el oad R e gi s t er
Ti m e r
C ount e r
Da t a B u s
R e l oad
O v er f l ow
t o I nt er r u p t
Timer counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com