Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K68 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT82K68
Description  Multimedia Keyboard Encoder OTP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K68 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT82K68 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
A.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
fSYS1
System Clock
(Crystal OSC)
3V
¾¾
2
¾
MHz
5V
¾¾
2
20
MHz
fSYS2
System Clock (RC OSC)
3V
¾¾
2
¾
MHz
5V
¾¾
2
20
MHz
tWDTOSC Watchdog Oscillator
3V
¾
45
90
180
ms
5V
¾
35
65
130
ms
tWDT1
Watchdog Time-out
Period (RC)
3V
Without WDT
prescaler
12
23
45
ms
5V
9
17
35
ms
tWDT2
Watchdog Time-out
Period (System Clock)
¾
Without WDT
prescaler
¾
1024
¾
tSYS
tRES
External Reset Low
Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer
Period
¾
Power-up or
wake-up from HALT ¾
1024
¾
tSYS
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
Note: tSYS= 1/fSYS
HT82K68E
6
August 8, 2000
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com