Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF-13786 Datasheet (PDF) - Agilent(Hewlett-Packard)

ATF-13786 Datasheet PDF - Agilent(Hewlett-Packard)
Part # ATF-13786
Download  ATF-13786 Download
File Size   47.7 Kbytes
Page   3 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Surface Mount Gallium Arsenide FET for Oscillators

ATF-13786 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF-13786 Datasheet PDF - Agilent(Hewlett-Packard)

Part # ATF-13786
Download  ATF-13786 Click to download

File Size   47.7 Kbytes
Page   3 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Surface Mount Gallium Arsenide FET for Oscillators

ATF-13786 Datasheet (HTML) - Agilent(Hewlett-Packard)


ATF-13786 Product details

Description
Hewlett-Packard’s ATF-13786 is a low cost Gallium Arsenide Schottky barrier-gate field effect transistor housed in a surface mount plastic package. This device is designed for use in low cost, surface mount oscillators operating over the RF and microwave frequency ranges. The ATF-13786 has sufficient gain for easy use as a negative R cell, without excess gain that can lead to unwanted oscillations and mode jumping. The gate structure used in the fabrication of this device results in phase noise performance superior to that of most other MESFETs.

Features
• Low Cost Surface Mount Plastic Package
• High fMAX: 60 GHz Typical
• Low Phase Noise at 10 GHz: -110 dBc/Hz @ 100 kHz Typical
• Output Power at 10 GHz: up to 10 dBm
• Tape-and-Reel Packaging Option Available




Similar Part No. - ATF-13786

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATF-13786 ETC-ATF-13786 Datasheet
47Kb / 3P
Surface Mount Gallium Arsenide FET for Oscillators
ATF-13786-STR ETC-ATF-13786-STR Datasheet
47Kb / 3P
Surface Mount Gallium Arsenide FET for Oscillators
ATF-13786-TR1 ETC-ATF-13786-TR1 Datasheet
47Kb / 3P
Surface Mount Gallium Arsenide FET for Oscillators
More results


Similar Description - ATF-13786

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-13100 HP-ATF-13100 Datasheet
43Kb / 3P
2-18 GHz Low Noise Gallium Arsenide FET
ATF-21170 HP-ATF-21170 Datasheet
47Kb / 3P
0.5-6 GHz Low Noise Gallium Arsenide FET
ATF-25170 HP-ATF-25170 Datasheet
44Kb / 3P
0.5-10 GHz Low Noise Gallium Arsenide FET
ATF-25570 HP-ATF-25570 Datasheet
44Kb / 3P
0.5-10 GHz General Purpose Gallium Arsenide FET
ATF-26836 HP-ATF-26836 Datasheet
47Kb / 4P
2-16 GHz General Purpose Gallium Arsenide FET
logo
List of Unclassifed Man...
ATF13786 ETC-ATF13786 Datasheet
47Kb / 3P
Surface Mount Gallium Arsenide FET for Oscillators
logo
Motorola, Inc
MRFG35010MT1 MOTOROLA-MRFG35010MT1 Datasheet
300Kb / 8P
Gallium Arsenide PHEMT
MRFG35003M6T1 MOTOROLA-MRFG35003M6T1 Datasheet
337Kb / 8P
GALLIUM ARSENIDE PHEMT
logo
Freescale Semiconductor...
MRFG35010ANT1 FREESCALE-MRFG35010ANT1 Datasheet
260Kb / 12P
Gallium Arsenide PHEMT
logo
NXP Semiconductors
MRFG35003N6A NXP-MRFG35003N6A Datasheet
260Kb / 11P
Gallium Arsenide PHEMT
Rev. 2, 6/2009
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com