Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBCS-7108 Datasheet (PDF) - Agilent(Hewlett-Packard)

HBCS-7108 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HBCS-7108
Download  HBCS-7108 Download
File Size   156.11 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Industrial Digital Bar Code Slot Reader

HBCS-7108 Datasheet (PDF)

Go To PDF Page Download Datasheet
HBCS-7108 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HBCS-7108
Download  HBCS-7108 Click to download

File Size   156.11 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Industrial Digital Bar Code Slot Reader

HBCS-7108 Datasheet (HTML) - Agilent(Hewlett-Packard)


HBCS-7108 Product details

Description
Hewlett-Packard’s Industrial Digital Slot Reader is designed to provide excellent scanning performance on a wide variety of bar coded cards and badges. It contains a unique optical/ electrical system that integrates over a large vertical area of the bar/space pattern, providing a greatly improved first read rate even on poorly printed bar codes.

Features
• Multi Resolution
    Compatible with virtually all bar code resolutions
• Large Slot Width
    Allows reading thickly laminated cards
• Sealed Metal Case (IP 66/67)
    Can be installed outdoors or in wet environments
• Tamper Proof Design
    Ideal for security applications
• Minimal First Bar Distortion
• 880 nm Light
• Wide Operating Temperature Range -40°C to +70°C
• Wide Scan Speed Range
• Black Textured Epoxy Finish
• Digital Output
    Open collector output compatible with TTL and CMOS logic
• Single +5 Volt Supply




Similar Part No. - HBCS-7108

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBCS-1100 HP-HBCS-1100 Datasheet
190Kb / 7P
High Resolution Optical Reflective Sensor
HBCS-2999 HP-HBCS-2999 Datasheet
197Kb / 3P
Bar Code Reader Tips and Optical Nest Assembly
HBCS-4999 HP-HBCS-4999 Datasheet
197Kb / 3P
Bar Code Reader Tips and Optical Nest Assembly
HBCS-A000 HP-HBCS-A000 Datasheet
178Kb / 4P
Low Current Digital Bar Code Wand
HBCS-A007 HP-HBCS-A007 Datasheet
178Kb / 4P
Low Current Digital Bar Code Wand
More results


Similar Description - HBCS-7108

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A8351601 AMICC-A8351601 Datasheet
439Kb / 44P
Bar Code Reader
logo
Agilent(Hewlett-Packard...
HBCS-A998 HP-HBCS-A998 Datasheet
197Kb / 3P
Bar Code Reader Tips and Optical Nest Assembly
HBSW-8000 HP-HBSW-8000 Datasheet
164Kb / 5P
Hewlett-Packard SmartWand Bar Code Reader
logo
Festo Corporation.
2930232 FESTO-2930232 Datasheet
84Kb / 2P
Code Reader
2930233 FESTO-2930233 Datasheet
84Kb / 2P
Code Reader
2930237 FESTO-2930237 Datasheet
83Kb / 2P
Code Reader
2930239 FESTO-2930239 Datasheet
83Kb / 2P
Code Reader
2930240 FESTO-2930240 Datasheet
83Kb / 2P
Code Reader
8058715 FESTO-8058715 Datasheet
84Kb / 2P
Code Reader
8058723 FESTO-8058723 Datasheet
83Kb / 2P
Code Reader
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com