Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMMC-1002 Datasheet (PDF) - Agilent(Hewlett-Packard)

HMMC-1002 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HMMC-1002
Download  HMMC-1002 Download
File Size   99.09 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description DC- 50 GHz Variable Attenuator

HMMC-1002 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMMC-1002 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HMMC-1002
Download  HMMC-1002 Click to download

File Size   99.09 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description DC- 50 GHz Variable Attenuator

HMMC-1002 Datasheet (HTML) - Agilent(Hewlett-Packard)


HMMC-1002 Product details

Description
The HMMC-1002 is a monolithic, voltage variable, GaAs IC attenuator that operates from DC to 50␣ GHz. It is fabricated using MWTC’s MMICB process which features an MBE epitaxial layer, backside ground vias, and FET gate lengths of approximately 0.4␣ mm.

Features
• Specified Frequency Range: DC -26.5 GHz
• Return Loss: 10 dB
• Minimum Attenuation: 2.0␣ dB
• Maximum Attenuation: 30.0␣ dB




Similar Part No. - HMMC-1002

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-2006 HP-HMMC-2006 Datasheet
89Kb / 6P
DC-6 GHz Unterminated SPDT Switch
HMMC-2007 HP-HMMC-2007 Datasheet
79Kb / 6P
DC-8 GHz Terminated SPDT Switch
HMMC-2027 HP-HMMC-2027 Datasheet
77Kb / 6P
DC-26.5 GHz SPDT GaAs MMIC Switch
HMMC-3008 HP-HMMC-3008 Datasheet
785Kb / 9P
DC-16 GHz GaAs HBT MMIC Divide-by-8 Prescaler
HMMC-3022 HP-HMMC-3022 Datasheet
803Kb / 9P
DC-12 GHz High Efficiency GaAs HBT MMIC Divide-by-2 Prescaler
More results


Similar Description - HMMC-1002

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6640 AVAGO-AMMC-6640 Datasheet
766Kb / 10P
DC-50 GHz Variable Attenuator
AMMC-6650 AVAGO-AMMC-6650 Datasheet
204Kb / 10P
DC??0 GHz Variable Attenuator
AMMP-6640 AVAGO-AMMP-6640 Datasheet
402Kb / 8P
DC-40 GHz Variable Attenuator
AMMP-6650 AVAGO-AMMP-6650 Datasheet
350Kb / 9P
DC ??30 GHz Variable Attenuator
logo
Custom MMIC Design Serv...
CMD285C3 MMIC-CMD285C3 Datasheet
426Kb / 15P
DC-20 GHz Voltage-Variable Attenuator
logo
Broadcom Corporation.
AMMC-6650 BOARDCOM-AMMC-6650 Datasheet
204Kb / 10P
DC??0 GHz Variable Attenuator
AMMP-6650 BOARDCOM-AMMP-6650 Datasheet
350Kb / 9P
DC ??30 GHz Variable Attenuator
AMMC-6640 BOARDCOM-AMMC-6640 Datasheet
766Kb / 10P
DC-50 GHz Variable Attenuator
AMMP-6640 BOARDCOM-AMMP-6640 Datasheet
402Kb / 8P
DC-40 GHz Variable Attenuator
logo
Qorvo, Inc
CMD285C3 QORVO-CMD285C3 Datasheet
521Kb / 16P
DC-20 GHz Voltage-Variable Attenuator
May 5, 2021
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com