Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B34X245 Datasheet (PDF) - Pericom Semiconductor Corporation

PI3B34X245 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3B34X245
Download  PI3B34X245 Download
File Size   665.72 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description iiFast Switching Speed - 4.5ns max.

PI3B34X245 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3B34X245 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3B34X245
Download  PI3B34X245 Click to download

File Size   665.72 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description iiFast Switching Speed - 4.5ns max.

PI3B34X245 Datasheet (HTML) - Pericom Semiconductor Corporation


PI3B34X245 Product details

Description
Te PI3B34X245 is a 3.3V, 32-bit, 2-port bus switch. Four enable signals (BEn) turn the switches on. Te bus switch creates no additional propagational delay or additional ground bounce noise.

Features
➤ Fast Switching Speed - 4.5ns max.
➤ Near-Zero propagation delay
➤ 5-ohm switches connect inputs to outputs
➤ Direct bus connection when switches are ON
➤ Ultra-low quiescent power (1.0μA typical)
    ◾ Ideally suited for notebook applications
➤ Industrial operating temperature: –40°C to +85°C
➤ TTL - compatible control of input levels
➤ Packaging (Pb-free & Green):
    ◾ 80-pin 150-mil wide plastic BQSOP (B)




Similar Part No. - PI3B34X245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
3.3V, 32-Bit, 2-Port NanoSwitch
More results


Similar Description - PI3B34X245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3501 TI-TLV3501 Datasheet
381Kb / 15P
4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDCNTG4 TI-TLV3502AIDCNTG4 Datasheet
818Kb / 21P
4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
logo
Renesas Technology Corp
RJK03P7DPA RENESAS-RJK03P7DPA Datasheet
259Kb / 11P
MOS2 30 V, 30 A, 5.3 m max. High Speed Power Switching
logo
Texas Instruments
TLV3502AIDG4 TI1-TLV3502AIDG4 Datasheet
780Kb / 21P
4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDG4 TI-TLV3502AIDG4 Datasheet
763Kb / 21P
4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
logo
Hongfa Technology
HFD23 HONGFA-HFD23_17 Datasheet
60Kb / 3P
Max. 4A switching capability
logo
Ningbo Tianbo Ganglian ...
TRAW TIANBO-TRAW Datasheet
989Kb / 3P
Max. switching current 20A
logo
Shanghai Leiditech Elec...
BAV99 LEIDITECH-BAV99 Datasheet
381Kb / 4P
Fast switching speed Max:6ns
logo
TiMOTION Technology Co....
TA31QR TIMOTION-TA31QR Datasheet
914Kb / 8P
Max. speed at max. load 4.9mm/S
20221003-G
TA5P TIMOTION-TA5P Datasheet
456Kb / 7P
Max. speed at max. load 4.1mm/s
20210517-M
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com