Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA31QR Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TA31QR Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TA31QR
Download  TA31QR Download
File Size   914.74 Kbytes
Page   8 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. speed at max. load 4.9mm/S

TA31QR Datasheet (PDF)

Go To PDF Page Download Datasheet
TA31QR Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TA31QR
Download  TA31QR Click to download

File Size   914.74 Kbytes
Page   8 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. speed at max. load 4.9mm/S

TA31QR Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TA31QR Product details

General Features
Max. load 5,000N (push)
3,000N (pull)
Max. speed at max. load 4.9mm/s
Max. speed at no load 11.2mm/s
Retracted length ≥ Stroke + 178mm
IP rating IP66W
Stroke 25~450mm
Output signals Hall sensors, POT
Options Safety nut, spindle set Hall sensors
Voltage 12/24V DC
12/24V DC (PTC)
24V DC, overcurrent module
24V DC, PTC, overcurrent module
Color Black or grey
Operational temperature range +5°C~+45°C




Similar Part No. - TA31QR

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA31 TIMOTION-TA31 Datasheet
1Mb / 11P
Max. load 8,000N (push); 3,000N (pull)
20230406-U
logo
List of Unclassifed Man...
TA310 ETC1-TA310 Datasheet
170Kb / 1P
Power Chip Resistors Thick Film on Alumina Substrate
logo
Ohmite Mfg. Co.
TA310 OHMITE-TA310 Datasheet
239Kb / 2P
Power Chip짰 Thick Film on Alumina Substrate
logo
TEWS Technologies GmbH
TA310 TEWS-TA310 Datasheet
258Kb / 3P
Reconfigurable FPGA with 16 x 16 bit Analog Input and 16 x 16 bit Analog Output
2021-05-20
TA310 TEWS-TA310 Datasheet
288Kb / 3P
Reconfigurable FPGA with 24 x 16 bit Analog Input
2018-01-25
More results


Similar Description - TA31QR

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA5P TIMOTION-TA5P Datasheet
456Kb / 7P
Max. speed at max. load 4.1mm/s
20210517-M
TL11 TIMOTION-TL11 Datasheet
303Kb / 5P
Max. load 800N (push)
20170922-D
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13K TIMOTION-TL13K Datasheet
612Kb / 5P
Max. load 600N (push)
20230726-E
TL18AC TIMOTION-TL18AC Datasheet
986Kb / 7P
Max. load 4,500N (push)
20220703-E
TL19 TIMOTION-TL19 Datasheet
261Kb / 5P
Max. load 800N (push)
20220831-D
TL4H TIMOTION-TL4H Datasheet
419Kb / 5P
Max. load 1,200N (push)
20230726-A
TL5 TIMOTION-TL5 Datasheet
548Kb / 6P
Max. load 800N (push)
20230207-I
TL8 TIMOTION-TL8 Datasheet
482Kb / 6P
Max. load 2,000N (push)
20220712-L
TL9K TIMOTION-TL9K Datasheet
580Kb / 5P
Max. load 600N (push)
20230714-G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com