Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA5P Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TA5P Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TA5P
Download  TA5P Download
File Size   456.75 Kbytes
Page   7 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. speed at max. load 4.1mm/s

TA5P Datasheet (PDF)

Go To PDF Page Download Datasheet
TA5P Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TA5P
Download  TA5P Click to download

File Size   456.75 Kbytes
Page   7 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. speed at max. load 4.1mm/s

TA5P Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TA5P Product details

General Features
Max. load 6,000N (push)
3,000N (pull)
Max. speed at max. load 4.1mm/s
Max. speed at no load 58mm/s
Retracted length ≥ 157mm
Certificate UL962, EN 61000-6-1, EN 61000-6-3
Options Hall sensors, L-shaped bracket
Voltage 12 / 24 / 36V DC
Color Black
Specially designed for recliner
One-piece design, stronger structure, cable-free




Similar Part No. - TA5P

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA5 TIMOTION-TA5 Datasheet
673Kb / 3P
TA5 series
logo
Clare, Inc.
TA5.0 CLARE-TA5.0 Datasheet
77Kb / 3P
HIGH-ENERGY TRIGGERED SPARK GAPS
logo
Transko Electronics, In...
TA500AP TRANSKO-TA500AP Datasheet
327Kb / 4P
Wireless, RF SAW Filter
Revision 0: May 2009
logo
Pico Technology Ltd.
TA501 PICO-TA501 Datasheet
10Mb / 39P
Smarter scopes for faster debug
TA501 PICO-TA501 Datasheet
10Mb / 42P
PicoScope® 6000E Series Smarter scopes for faster debug
More results


Similar Description - TA5P

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA31QR TIMOTION-TA31QR Datasheet
914Kb / 8P
Max. speed at max. load 4.9mm/S
20221003-G
TL11 TIMOTION-TL11 Datasheet
303Kb / 5P
Max. load 800N (push)
20170922-D
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13K TIMOTION-TL13K Datasheet
612Kb / 5P
Max. load 600N (push)
20230726-E
TL18AC TIMOTION-TL18AC Datasheet
986Kb / 7P
Max. load 4,500N (push)
20220703-E
TL19 TIMOTION-TL19 Datasheet
261Kb / 5P
Max. load 800N (push)
20220831-D
TL4H TIMOTION-TL4H Datasheet
419Kb / 5P
Max. load 1,200N (push)
20230726-A
TL5 TIMOTION-TL5 Datasheet
548Kb / 6P
Max. load 800N (push)
20230207-I
TL8 TIMOTION-TL8 Datasheet
482Kb / 6P
Max. load 2,000N (push)
20220712-L
TL9K TIMOTION-TL9K Datasheet
580Kb / 5P
Max. load 600N (push)
20230714-G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com