Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H431 Datasheet (PDF) - Hi-Sincerity Mocroelectronics

H431 Datasheet PDF - Hi-Sincerity Mocroelectronics
Part # H431
Download  H431 Download
File Size   40.89 Kbytes
Page   4 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description AJDUSTABLE SHUNT REGULATOR

H431 Datasheet (PDF)

Go To PDF Page Download Datasheet
H431 Datasheet PDF - Hi-Sincerity Mocroelectronics

Part # H431
Download  H431 Click to download

File Size   40.89 Kbytes
Page   4 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description AJDUSTABLE SHUNT REGULATOR

H431 Datasheet (HTML) - Hi-Sincerity Mocroelectronics


H431 Product details

Description

The H431 series are three-terminal adjustable regulators with guaranteed thermal stability over applicable temperature ranges. The output voltage may be set to any value between VREF(approximately 2.495 volts) and 36 volts with two external resistors. These devices have a typical dynamic output impedance of 0.2Ω. Active output circuitry provides a very sharp turn-on characteristic, making these devices excellent replacement for zener diodes in many applications.



Features

•Programmable output voltage

•Temperature coefficient is 50ppm/°C typical

•Temperature compensated for operation over full temperature range

•Low output noise voltage

•Fast turn on response




Similar Part No. - H431

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H431 HSMC-H431 Datasheet
173Kb / 7P
ADJUSTABLE SHUNT REGULATOR
H431AM HSMC-H431AM Datasheet
44Kb / 4P
AJDUSTABLE SHUNT REGULATOR
H431BM HSMC-H431BM Datasheet
44Kb / 4P
AJDUSTABLE SHUNT REGULATOR
H431CM HSMC-H431CM Datasheet
44Kb / 4P
AJDUSTABLE SHUNT REGULATOR
logo
Multicomp Pro
H431LK MULTICOMP-H431LK Datasheet
692Kb / 7P
Shunt Regulator Voltage Reference
07/09/22 V1.0
More results


Similar Description - H431

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H431AM HSMC-H431AM Datasheet
44Kb / 4P
AJDUSTABLE SHUNT REGULATOR
logo
Hitachi Semiconductor
HA17431H HITACHI-HA17431H Datasheet
146Kb / 15P
Shunt Regulator
logo
List of Unclassifed Man...
LM431L ETC2-LM431L Datasheet
754Kb / 13P
Shunt Regulator
logo
Renesas Technology Corp
HA17431VPJ RENESAS-HA17431VPJ Datasheet
326Kb / 18P
Shunt Regulator
logo
TAITRON Components Inco...
LM431 TAITRON-LM431 Datasheet
768Kb / 14P
Shunt Regulator
LM431L TAITRON-LM431L Datasheet
754Kb / 13P
Shunt Regulator
logo
Renesas Technology Corp
HA17L431 RENESAS-HA17L431 Datasheet
130Kb / 10P
Shunt Regulator
HA17431H RENESAS-HA17431H Datasheet
96Kb / 7P
Shunt Regulator
HA17431 RENESAS-HA17431_15 Datasheet
323Kb / 21P
Shunt Regulator
HA17431H RENESAS-HA17431H_15 Datasheet
186Kb / 8P
Shunt Regulator
More results




About Hi-Sincerity Mocroelectronics


Hi-Sincerity Microelectronics is a semiconductor company based in Taiwan that designs and manufactures a wide range of analog and mixed-signal integrated circuits (ICs) for various applications. The company was founded in 1998 and has since become a leading provider of analog ICs in Asia.

Hi-Sincerity's product portfolio includes power management ICs, audio amplifiers, LED drivers, motor controllers, and other analog and mixed-signal ICs. The company's products are used in a variety of end markets, including consumer electronics, automotive, industrial, and communication systems.

One of Hi-Sincerity's strengths is its ability to develop customized solutions for customers with specific requirements. The company has a team of experienced engineers who work closely with customers to understand their needs and develop tailored solutions that meet their specifications.

In addition to its design and development capabilities, Hi-Sincerity also has strong manufacturing capabilities. The company operates a modern semiconductor fabrication facility in Taiwan that is capable of producing a wide range of analog and mixed-signal ICs using advanced process technologies.

Hi-Sincerity is committed to quality and reliability, and its products are widely recognized for their performance and reliability. The company has received numerous awards and certifications for its quality management systems and environmental management systems, including ISO 9001, ISO 14001, and IATF 16949.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com