Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS81C4360 Datasheet (PDF) - Hynix Semiconductor

HMS81C4360 Datasheet PDF - Hynix Semiconductor
Part # HMS81C4360
Download  HMS81C4360 Download
File Size   823.92 Kbytes
Page   110 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS

HMS81C4360 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMS81C4360 Datasheet PDF - Hynix Semiconductor

Part # HMS81C4360
Download  HMS81C4360 Click to download

File Size   823.92 Kbytes
Page   110 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS

HMS81C4360 Datasheet (HTML) - Hynix Semiconductor


HMS81C4360 Product details

CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER FOR TELEVISION



Description

The HMS81C4x60 is an advanced CMOS 8-bit microcontroller with 60K bytes of ROM. This is one of the HMS800 family. This is a powerful microcontroller which provides a high flexibility and cost effective solution to many TV applications. The HMS81C4x60 provides following standard features: 60K bytes of ROM, 1024 bytes of RAM, 8/16-bit timer/counter, on chip PLL oscillator and clock circuitry. In addition, there are other package types, HMS81C4360(32PDIP), HMS81C4360SK(32SKDIP), HMS81C4460(42SDIP).

This document is explained for the base of HMS81C4x60, the eliminated functions are same as below.



Features

• 60K Bytes of On-chip Program Memory

• 1024 Bytes of On-chip Data RAM

• Minimum Instruction Cycle Time

- 256ns (NOP operation)

• PLL Oscillator for OSD and System Clock

- External 4MHz Crystal Input

• 31 Programmable I/O pins

- 26 Input/Output and 5 Input pins

• I2C Bus Interface

- Multimaster (2 Pairs interface pins)

• A/D Converter

- 8-bit × 5 ch

• Pulse Width Modulation

- 14-bit × 1 ch

- 8-bit × 5 ch

• Timer

- Timer/Counter : 8-bit × 4ch(16-bit × 2 ch)

- Basic interval timer

- Watch Dog Timer

• Number of Interrupt Source

- 16 Interrupts

- 3 External Interrupts

• On Screen Display

- 512 character fonts pattern

- Character Size : 1.0, 1.5, 2.0 times

- Character Pixel size : 12 × 10, 12 × 12, 12 × 14, 12 × 16, 16 × 18

- Display Capability : 48 Characters ×16 Lines

- Character, Background color : 512 colors, 8 pallet

- Special functions : Rounding, Outline, Shadow, Underline, Double scanned line OSD

• Buzzer Driving Port

- 500Hz ~ 250KHz @4MHz (Duty 50%)

• Vertical Blanking Interveral Information cap ture for EIA-608(Closed Caption) or VPS, etc




Similar Part No. - HMS81C4360

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMS81C43XX HYNIX-HMS81C43XX Datasheet
1Mb / 100P
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER FOR TELEVISION
More results


Similar Description - HMS81C4360

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com