Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS650-12 Datasheet (PDF) - Integrated Circuit Systems

ICS650-12 Datasheet PDF - Integrated Circuit Systems
Part # ICS650-12
Download  ICS650-12 Download
File Size   67.09 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description MPEG Clock Synthesizer

ICS650-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS650-12 Datasheet PDF - Integrated Circuit Systems

Part # ICS650-12
Download  ICS650-12 Click to download

File Size   67.09 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description MPEG Clock Synthesizer

ICS650-12 Datasheet (HTML) - Integrated Circuit Systems


ICS650-12 Product details

Description
The ICS650-12 is a low cost, low jitter, high performance clock synthesizer designed to produce fixed clock outputs of 13.5 MHz and 27.0 MHz and four selectable clock outputs of two Processor Clocks (PCLK1 and PCLK2), Audio Clock (ACLK), and Communications Clock (CCLK). Using our patented analog PhaseLocked Loop (PLL) techniques, the device uses a 27.0 MHz clock or fundamental crystal input to produce clocks ideal for Digital Video/MPEG based applications.

Features
• Packaged in 20 pin tiny SSOP (QSOP)
• Input Frequency of 27.0 MHz
• Zero ppm synthesis error in output clocks
• Provides fixed 13.5 MHz and 27.0 MHz. Also provides two selectable Processor Clocks, one Audio Clock, and one Communications Clock
• Ideal for Digital Video/MPEG-based applications
• 3.3 V or 5.0 V operating voltage
• Entire chip powers down (when CS1=CS0=0)




Similar Part No. - ICS650-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS650-12 RENESAS-ICS650-12 Datasheet
346Kb / 8P
MPEG CLOCK SYNTHESIZER
051310
More results


Similar Description - ICS650-12

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1412 ICST-MK1412 Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 060200
MK1413 ICST-MK1413 Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 091697
MK2731-03C ICST-MK2731-03C Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 011101
MK2731-04C ICST-MK2731-04C Datasheet
59Kb / 4P
MPEG Audio Clock
Revision 122799
MK2745-21 ICST-MK2745-21 Datasheet
60Kb / 4P
DVD/MPEG Clock Source
Revision 120400
MK2745-24 ICST-MK2745-24 Datasheet
63Kb / 4P
DVD/MPEG Clock Source
Revision 100898
MK2746 ICST-MK2746 Datasheet
136Kb / 5P
DVD/MPEG CLOCK SOURCE
Revision 100802
logo
Integrated Device Techn...
MK2745-21SLF IDT-MK2745-21SLF Datasheet
188Kb / 6P
DVD/MPEG CLOCK SOURCE
logo
Renesas Technology Corp
MK2745-21 RENESAS-MK2745-21 Datasheet
343Kb / 7P
DVD/MPEG CLOCK SOURCE
051310
ICS650-12 RENESAS-ICS650-12 Datasheet
346Kb / 8P
MPEG CLOCK SYNTHESIZER
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com