Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS650-12 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS650-12
Description  MPEG Clock Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650-12 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS650-12 Datasheet HTML 1Page - Integrated Circuit Systems ICS650-12 Datasheet HTML 2Page - Integrated Circuit Systems ICS650-12 Datasheet HTML 3Page - Integrated Circuit Systems ICS650-12 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ICS650-12
MPEG Clock Synthesizer
MDS 650-12 A
1
Revision 113000
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126• (408) 295-9800tel • www.icst.com
The ICS650-12 is a low cost, low jitter, high
performance clock synthesizer designed to
produce fixed clock outputs of 13.5 MHz and
27.0 MHz and four selectable clock outputs of two
Processor Clocks (PCLK1 and PCLK2), Audio
Clock (ACLK), and Communications Clock
(CCLK). Using our patented analog Phase-
Locked Loop (PLL) techniques, the device uses a
27.0 MHz clock or fundamental crystal input to
produce clocks ideal for Digital Video/MPEG-
based applications.
Block Diagram
Description
Features
• Packaged in 20 pin tiny SSOP (QSOP)
• Input Frequency of 27.0 MHz
• Zero ppm synthesis error in output clocks
• Provides fixed 13.5 MHz and 27.0 MHz.
Also provides two selectable Processor Clocks,
one Audio Clock, and one Communications Clock
• Ideal for Digital Video/MPEG-based applications
• 3.3 V or 5.0 V operating voltage
• Entire chip powers down (when CS1=CS0=0)
13.5 MHz
Input
Buffer/Crystal
Oscillator
Clock
Synthesis
and
Control
Circuitry
Output
Buffer
Output
Buffer
Output
Buffer
27.0 MHz
Output
Buffer
Output
Buffer
CS1:0
27.0 MHz
crystal or
clock
PCLK2
ACLK
CCLK
AS2:0
PS2:0
Output
Buffer
PCLK1
÷ 2


Similar Part No. - ICS650-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS650-12 RENESAS-ICS650-12 Datasheet
346Kb / 8P
MPEG CLOCK SYNTHESIZER
051310
More results

Similar Description - ICS650-12

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1412 ICST-MK1412 Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 060200
MK1413 ICST-MK1413 Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 091697
MK2731-03C ICST-MK2731-03C Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 011101
MK2731-04C ICST-MK2731-04C Datasheet
59Kb / 4P
MPEG Audio Clock
Revision 122799
MK2745-21 ICST-MK2745-21 Datasheet
60Kb / 4P
DVD/MPEG Clock Source
Revision 120400
MK2745-24 ICST-MK2745-24 Datasheet
63Kb / 4P
DVD/MPEG Clock Source
Revision 100898
MK2746 ICST-MK2746 Datasheet
136Kb / 5P
DVD/MPEG CLOCK SOURCE
Revision 100802
logo
Integrated Device Techn...
MK2745-21SLF IDT-MK2745-21SLF Datasheet
188Kb / 6P
DVD/MPEG CLOCK SOURCE
logo
Renesas Technology Corp
MK2745-21 RENESAS-MK2745-21 Datasheet
343Kb / 7P
DVD/MPEG CLOCK SOURCE
051310
ICS650-12 RENESAS-ICS650-12 Datasheet
346Kb / 8P
MPEG CLOCK SYNTHESIZER
051310
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com