Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9118-04 Datasheet (PDF) - Integrated Circuit Systems

ICS9118-04 Datasheet PDF - Integrated Circuit Systems
Part # ICS9118-04
Download  ICS9118-04 Download
File Size   122.82 Kbytes
Page   5 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator for Digital Video Systems

ICS9118-04 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9118-04 Datasheet PDF - Integrated Circuit Systems

Part # ICS9118-04
Download  ICS9118-04 Click to download

File Size   122.82 Kbytes
Page   5 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator for Digital Video Systems

ICS9118-04 Datasheet (HTML) - Integrated Circuit Systems


ICS9118-04 Product details

General Description
The ICS9118-03 and ICS9118-04 are low-cost, highperform-ance clock generators designed to support digital video systems. 1.8MHz UART and AUDIO clocks are generated from the recovered 27MHz reference signal. The -03 supports 256x audio oversampling, and the -04 supports 384x audio oversampling.

Features
• Genreates AUDIO codec and UART clocks synchronized to the 27MHz recovered video clock
• Selectable AUDIO clock supports 256x and 384x over-sampling of 16.00, 22.05, 24.00, 32.00, 44.10 and 48.00 kHz
• 80ps one sigma jitter maintains 16 bit performance
• Output rise/fall times less than 1.5nS
• On chip loop filter components
• 3.0V - 5.5V supply range
• 8-pin, 150-mil SOIC package

Applications
• Specifically designed to support the high performance clocking requirements of digital video set-top and multi-media systems




Similar Part No. - ICS9118-04

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9118-01 ICST-ICS9118-01 Datasheet
97Kb / 5P
Frequency Generator for Digital Video Systems
RevB 7/27/99
ICS9118-02 ICST-ICS9118-02 Datasheet
97Kb / 5P
Frequency Generator for Digital Video Systems
RevB 7/27/99
More results


Similar Description - ICS9118-04

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9107C-19 ICST-AV9107C-19 Datasheet
275Kb / 5P
Frequency Generator for Fibre Channel Systems
RevC091897
ICS9107C-21 ICST-ICS9107C-21 Datasheet
151Kb / 4P
Frequency Generator for Fibre Channel Systems
Rev C 9/14/99
ICS9112-43 ICST-ICS9112-43 Datasheet
223Kb / 5P
Frequency Generator for Gigabit Ethernet Systems
Rev D 3/3/99
ICS9117-01 ICST-ICS9117-01 Datasheet
68Kb / 5P
Frequency Generator for Modem Systems
RevA 052297
ICS9118-01 ICST-ICS9118-01 Datasheet
97Kb / 5P
Frequency Generator for Digital Video Systems
RevB 7/27/99
ICS9120-49 ICST-ICS9120-49 Datasheet
107Kb / 5P
Frequency Generator for CD-ROM Systems
Rev A 072296
ICS9120-52 ICST-ICS9120-52 Datasheet
84Kb / 5P
Frequency Generator for CD-ROM Systems
Rev B 052497
ICS9169A-70 ICST-ICS9169A-70 Datasheet
197Kb / 7P
Frequency Generator for Workstation Systems
Rev B 2/14/01
ICS9248-192 ICST-ICS9248-192 Datasheet
105Kb / 12P
Frequency Timing Generator for Transmeta Systems
logo
Integrated Device Techn...
ICS9169A-70 IDT-ICS9169A-70 Datasheet
202Kb / 7P
Frequency Generator for Workstation Systems
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com