Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9147-03 Datasheet (PDF) - Integrated Circuit Systems

ICS9147-03 Datasheet PDF - Integrated Circuit Systems
Part # ICS9147-03
Download  ICS9147-03 Download
File Size   365.49 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator & Integrated Buffers for 686 Series CPUs

ICS9147-03 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9147-03 Datasheet PDF - Integrated Circuit Systems

Part # ICS9147-03
Download  ICS9147-03 Click to download

File Size   365.49 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator & Integrated Buffers for 686 Series CPUs

ICS9147-03 Datasheet (HTML) - Integrated Circuit Systems


ICS9147-03 Product details

General Description
The ICS9147-03 generates all clocks required for high speed RISC or CISC microprocessor systems such as Intel PentiumPro, AMD or Cyrix processors. Four bidirectional I/O pins (FS0, FS1, FS2, BSEL) are latched at power-on to the functionality table. The Six BUS clocks can be selected as either synchronous at 1/2 CPU speed or asynchronous at 32MHz selected by BSEL latched input.The inputs provide for tristate and test mode conditions to aid in system level testing.These multiplying factors can be customized for specific applications. Glitch-free stop clock controls provided for SDRAM(5:8) and SDRAM (9:12) banks (STP2#, STP3#).

Features
• Total of 15 CPU speed clocks:
    - Two copies of CPU clock with VDDL (2.5 to 3.3V)
    - Twelve (12) SDRAM (3.3v) plus one CPUH/AGP (3.3V) clocks
• Six copies of BUS clocks (synchronous with CPU clock/2 or asynchronous 32 MHz)
• 250ps output skew window for CPU andSDRAM clocks and 500ps window BUS clocks. CPU clocks to BUS clocks skew 1-4ns (CPU early)
• Two copies of Ref. clock @14.31818 MHz (One driven by VDDL as IOAPIC)
• One 48 MHz (3.3 V TTL) for USB support and single 24 MHz.
• Separate VDDL for CPUL (1:2) clock buffers and IOAPIC to allow 2.5V output (or Std. Vdd)
• 3.0V – 3.7V supply range w/2.5V compatible outputs
• 48-pin SSOP package




Similar Part No. - ICS9147-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9147-01 ICST-ICS9147-01 Datasheet
442Kb / 11P
Frequency Generator & Integrated Buffers for PENTIUMTM
Rev B 04/25/01
logo
Integrated Device Techn...
ICS9147-01 IDT-ICS9147-01 Datasheet
448Kb / 11P
Frequency Generator & Integrated Buffers for PENTIUMTM
logo
Integrated Circuit Syst...
ICS9147-06 ICST-ICS9147-06 Datasheet
548Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
RevA 5/29/97
ICS9147-09 ICST-ICS9147-09 Datasheet
601Kb / 9P
Frequency Generator & Integrated Buffers for 686 Series CPUs
Rev A 10/2897
More results


Similar Description - ICS9147-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9147-01 ICST-ICS9147-01 Datasheet
442Kb / 11P
Frequency Generator & Integrated Buffers for PENTIUMTM
Rev B 04/25/01
ICS9147-06 ICST-ICS9147-06 Datasheet
548Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
RevA 5/29/97
ICS9147-09 ICST-ICS9147-09 Datasheet
601Kb / 9P
Frequency Generator & Integrated Buffers for 686 Series CPUs
Rev A 10/2897
ICS9147-16 ICST-ICS9147-16 Datasheet
415Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
Rev A 072897
ICS9148-11 ICST-ICS9148-11 Datasheet
580Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUMTM
RevB 12/09/97
ICS9148-13 ICST-ICS9148-13 Datasheet
347Kb / 7P
Frequency Generator & Integrated Buffers for PENTIUMTM
Rev A 020398
ICS9248-128 ICST-ICS9248-128 Datasheet
185Kb / 16P
Frequency Generator & Integrated Buffers
Rev B 11/16/00
ICS9248-81 ICST-ICS9248-81 Datasheet
543Kb / 18P
Frequency Generator & Integrated Buffers
Rev E 10/12/99
logo
Integrated Device Techn...
ICS9147-01 IDT-ICS9147-01 Datasheet
448Kb / 11P
Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9147-16 IDT-ICS9147-16 Datasheet
420Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com