Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK1412S Datasheet (PDF) - Integrated Circuit Systems

MK1412S Datasheet PDF - Integrated Circuit Systems
Part # MK1412S
Download  MK1412S Download
File Size   61.61 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description MPEG Audio Clock Synthesizer

MK1412S Datasheet (PDF)

Go To PDF Page Download Datasheet
MK1412S Datasheet PDF - Integrated Circuit Systems

Part # MK1412S
Download  MK1412S Click to download

File Size   61.61 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description MPEG Audio Clock Synthesizer

MK1412S Datasheet (HTML) - Integrated Circuit Systems


MK1412S Product details

Description
The MK1412 is the ideal way to generate clocks for MPEG audio devices in computers. The device uses ICS/MicroClock’s proprietary mixture of analog and digital Phase-Locked Loop (PLL) technology to synthesize one of eight frequencies (four on each output) from the 14.31818 MHz reference. In an 8 pin SOIC, the MK1412 can save component count, board space, and cost over crystals and oscillators, and increase reliability by eliminating three expensive mechanical devices from the board.

Features
• Packaged in 8 pin SOIC
• Input crystal or clock frequency of 14.31818 MHz
• Provides master MPEG clocks for 32 kHz,
   44.1 kHz, 48 kHz and 96 kHz sampling rates
• Output clock frequencies of 256x and 512x of the
   audio sampling rates compatible with most DACs
• Low jitter
• Full CMOS output swing with 25mA drive
   capability at TTL levels
• 3.3V or 5V±10% supply voltage
• Advanced, low power CMOS process
• The A version is the newest version in a more
   advanced manufacturing process




Similar Part No. - MK1412S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1410 ICST-MK1410 Datasheet
63Kb / 4P
NTSC/PAL Clock Source
Revision 102298
MK1410S ICST-MK1410S Datasheet
63Kb / 4P
NTSC/PAL Clock Source
Revision 102298
MK1410STR ICST-MK1410STR Datasheet
63Kb / 4P
NTSC/PAL Clock Source
Revision 102298
MK1411S ICST-MK1411S Datasheet
63Kb / 4P
NTSC/PAL Clock Source
Revision 102298
MK1411STR ICST-MK1411STR Datasheet
63Kb / 4P
NTSC/PAL Clock Source
Revision 102298
More results


Similar Description - MK1412S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-12 ICST-ICS650-12 Datasheet
67Kb / 4P
MPEG Clock Synthesizer
Revision 113000
MK1413 ICST-MK1413 Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 091697
MK2703 ICST-MK2703 Datasheet
63Kb / 4P
PLL Audio Clock Synthesizer
Revision 062700
MK2704 ICST-MK2704 Datasheet
63Kb / 4P
PLL Audio Clock Synthesizer
Revision 062700
MK2731-03C ICST-MK2731-03C Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 011101
MK2731-04C ICST-MK2731-04C Datasheet
59Kb / 4P
MPEG Audio Clock
Revision 122799
logo
Integrated Device Techn...
MK2703 IDT-MK2703 Datasheet
187Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
logo
Renesas Technology Corp
MK1413 RENESAS-MK1413 Datasheet
339Kb / 8P
MPEG AUDIO CLOCK SOURCE
051310
MK2703B RENESAS-MK2703B Datasheet
354Kb / 8P
PLL AUDIO CLOCK SYNTHESIZER
042606
ICS650-12 RENESAS-ICS650-12 Datasheet
346Kb / 8P
MPEG CLOCK SYNTHESIZER
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com