Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK1449S Datasheet (PDF) - Integrated Circuit Systems

MK1449S Datasheet PDF - Integrated Circuit Systems
Part # MK1449S
Download  MK1449S Download
File Size   60.62 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Sound/SCSIFast Ethernet Clock

MK1449S Datasheet (PDF)

Go To PDF Page Download Datasheet
MK1449S Datasheet PDF - Integrated Circuit Systems

Part # MK1449S
Download  MK1449S Click to download

File Size   60.62 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Sound/SCSIFast Ethernet Clock

MK1449S Datasheet (HTML) - Integrated Circuit Systems


MK1449S Product details

Description
The MK1449B is the most cost effective way to generate high quality, high frequency clock outputs for SCSI plus Fast Ethernet devices, or AC97 sound chips. Using Phase-Locked-Loop (PLL) techniques, the device uses a standard fundamental mode, inexpensive 14.31818 MHz crystal or clock to produce two output clocks.

• Packaged as 8 pin SOIC
• For Fast Ethernet plus SCSI on computer motherboards
• For AC97 sound on computer motherboard
• Less than 1 ppm synthesis error
• Input crystal frequency of 14.31818 MHz
• Operating voltages of 3.0 to 5.5V
• Available in industrial temperature
• Full CMOS level outputs with 25mA drive capability at TTL levels
• Ideal for oscillator replacement
• Advanced, low power CMOS process Features




Similar Part No. - MK1449S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1442 ICST-MK1442 Datasheet
67Kb / 4P
SCSI and Ethernet Clock Source
Revision 111500
MK1442-01S ICST-MK1442-01S Datasheet
67Kb / 4P
SCSI and Ethernet Clock Source
Revision 111500
MK1442-02S ICST-MK1442-02S Datasheet
67Kb / 4P
SCSI and Ethernet Clock Source
Revision 111500
MK1442-03S ICST-MK1442-03S Datasheet
67Kb / 4P
SCSI and Ethernet Clock Source
Revision 111500
MK1443-01S ICST-MK1443-01S Datasheet
67Kb / 4P
SCSI and Ethernet Clock Source
Revision 111500
More results


Similar Description - MK1449S

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C974 AMD-AM79C974 Datasheet
838Kb / 153P
PCnetTM-SCSI Combination Ethernet and SCSI Controller for PCI Systems
logo
fujitsu semiconductor
MB86606A FUJITSU-MB86606A Datasheet
605Kb / 64P
FAST-20 SCSI Protocol Controller
logo
Integrated Circuit Syst...
MK1442 ICST-MK1442 Datasheet
67Kb / 4P
SCSI and Ethernet Clock Source
Revision 111500
MK2011 ICST-MK2011 Datasheet
65Kb / 4P
Fast Ethernet Clock Source
Revision 120597
MK2014A ICST-MK2014A Datasheet
44Kb / 4P
Fast Ethernet Clock Source
Revision 121598
logo
Hynix Semiconductor
GM82C700 HYNIX-GM82C700 Datasheet
3Mb / 45P
FAST SCSI-2 HOST ADAPTER
logo
List of Unclassifed Man...
FAS216 ETC1-FAS216 Datasheet
49Kb / 8P
Fast Architecture SCSI Processor
FAS209 ETC1-FAS209 Datasheet
37Kb / 8P
Fast Architecture SCSI
logo
Analog Devices
AD9571 AD-AD9571 Datasheet
367Kb / 20P
Ethernet Clock Generator, 10 Clock Outputs
REV. 0
AD9574 AD-AD9574 Datasheet
873Kb / 35P
Ethernet/Gigabit Ethernet Clock Generator
4/2017-Rev. A to Rev. B
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com