Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3KP10 Datasheet (PDF) - Goodwork Semiconductor Co., Ltd .

3KP10 Datasheet PDF - Goodwork Semiconductor Co., Ltd .
Part # 3KP10
Download  3KP10 Download
File Size   189.49 Kbytes
Page   4 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description 3000 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS

3KP10 Datasheet (PDF)

Go To PDF Page Download Datasheet
3KP10 Datasheet PDF - Goodwork Semiconductor Co., Ltd .

Part # 3KP10
Download  3KP10 Click to download

File Size   189.49 Kbytes
Page   4 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description 3000 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS

3KP10 Datasheet (HTML) - Goodwork Semiconductor Co., Ltd .


3KP10 Product details

VOLTAGE RANGE 5.0 to 440 Volts 3000 Watts Peak Power

FEATURES
* 3000 Watts Surge Capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time: Typically less than 1.0ps from 0 volt to BV min.
* Typical IR less than 1μA above 10V




Similar Part No. - 3KP10

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP10 PANJIT-3KP10 Datasheet
173Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Surge Components
3KP10 SURGE-3KP10 Datasheet
206Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Won-Top Electronics
3KP10 WTE-3KP10 Datasheet
68Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
3KP10 FORMOSA-3KP10 Datasheet
69Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
logo
Won-Top Electronics
3KP10 WTE-3KP10 Datasheet
82Kb / 6P
3000W TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 3KP10

ManufacturerPart #DatasheetDescription
logo
Bytes
P4KE BYTES-P4KE Datasheet
307Kb / 4P
400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
P6KE BYTES-P6KE Datasheet
305Kb / 4P
600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
1SMB10CAT3 ONSEMI-1SMB10CAT3 Datasheet
54Kb / 6P
Watt Peak Power Zener Transient Voltage Suppressors
January, 2005 ??Rev. 6
P6KE200B ONSEMI-P6KE200B Datasheet
118Kb / 4P
600 Watt Peak Power Transient Voltage Suppressors
April, 2006 -- Rev. 1
1SMB10CAT3 ONSEMI-1SMB10CAT3_06 Datasheet
67Kb / 7P
Watt Peak Power Zener Transient Voltage Suppressors
October, 2006 ??Rev. 9
logo
UNIOHM CORPORATION
P4KE UNIOHM-P4KE Datasheet
89Kb / 4P
400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
P6KE UNIOHM-P6KE Datasheet
88Kb / 4P
600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Goodwork Semiconductor ...
P6KE GWSEMI-P6KE Datasheet
185Kb / 4P
600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
SA GWSEMI-SA Datasheet
184Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
1.5KE GWSEMI-1.5KE Datasheet
178Kb / 4P
1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com