Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP60 Datasheet (PDF) - Goodwork Semiconductor Co., Ltd .

5KP60 Datasheet PDF - Goodwork Semiconductor Co., Ltd .
Part # 5KP60
Download  5KP60 Download
File Size   189.29 Kbytes
Page   4 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description 5000 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS

5KP60 Datasheet (PDF)

Go To PDF Page Download Datasheet
5KP60 Datasheet PDF - Goodwork Semiconductor Co., Ltd .

Part # 5KP60
Download  5KP60 Click to download

File Size   189.29 Kbytes
Page   4 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description 5000 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS

5KP60 Datasheet (HTML) - Goodwork Semiconductor Co., Ltd .


5KP60 Product details

VOLTAGE RANGE 5.0 to 440 Volts 5000 Watts Peak Power

FEATURES
* 5000 Watts Surge Capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time: Typically less than 1.0ps from 0 volt to BV min.
* Typical IR less than 1 A above 10V




Similar Part No. - 5KP60

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP60 SURGE-5KP60 Datasheet
199Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Transys Electronics
5KP60 TRSYS-5KP60 Datasheet
252Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
5KP60 WTE-5KP60 Datasheet
58Kb / 5P
5000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
5KP60 RECTRON-5KP60 Datasheet
970Kb / 4P
GPP TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
5KP60 DCCOM-5KP60 Datasheet
1Mb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 5KP60

ManufacturerPart #DatasheetDescription
logo
Bytes
P4KE BYTES-P4KE Datasheet
307Kb / 4P
400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
P6KE BYTES-P6KE Datasheet
305Kb / 4P
600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
P6KE200B ONSEMI-P6KE200B Datasheet
118Kb / 4P
600 Watt Peak Power Transient Voltage Suppressors
April, 2006 -- Rev. 1
1SMB10CAT3 ONSEMI-1SMB10CAT3_06 Datasheet
67Kb / 7P
Watt Peak Power Zener Transient Voltage Suppressors
October, 2006 ??Rev. 9
logo
UNIOHM CORPORATION
P4KE UNIOHM-P4KE Datasheet
89Kb / 4P
400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
P6KE UNIOHM-P6KE Datasheet
88Kb / 4P
600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Goodwork Semiconductor ...
P6KE GWSEMI-P6KE Datasheet
185Kb / 4P
600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
SA GWSEMI-SA Datasheet
184Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
1.5KE GWSEMI-1.5KE Datasheet
178Kb / 4P
1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
3KP GWSEMI-3KP Datasheet
189Kb / 4P
3000 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com