Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK3235 Datasheet (PDF) - Integrated Circuit Systems

MK3235 Datasheet PDF - Integrated Circuit Systems
Part # MK3235
Download  MK3235 Download
File Size   67.61 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Handheld System Clock Synthesizer

MK3235 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK3235 Datasheet PDF - Integrated Circuit Systems

Part # MK3235
Download  MK3235 Click to download

File Size   67.61 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Handheld System Clock Synthesizer

MK3235 Datasheet (HTML) - Integrated Circuit Systems


MK3235 Product details

Description
The MK3235 is the smallest size, lowest power system clock synthesizer available. It is the ideal way to generate clocks for handheld computers, such as PDAs, PICs, and other devices where low power is required. Using analog Phase-Locked Loop (PLL) techniques, the device operates from a single 32.768 kHz crystal to produce the 32.768kHz, 14.318MHz, and serial communications output clocks.
The device has three power down modes for the 14.3MHz, communications, and 32.768kHz clocks.
The MK3235 can save board space and cost even if it only replaces the 32kHz oscillator circuitry and one additional surface mount crystal or oscillator. The extremely low IDD, the ease of surface mounting, and the power down capability are added benefits in using the part.

Features
• Input crystal frequency of 32.768 kHz
• Lowest power solution available
• Lowest profile clock solution where height is critical
• Three output clocks
• 3.3V or 5.0V operation
• Duty cycle of 45/55
• 14.3MHz or 14.3MHz+Comm clock power downs
• Separate battery supply pin for 32 kHz runs to 2V
• IDD less than 4µA when 32 kHz running
• Packaged in 16 pin narrow SOIC




Similar Part No. - MK3235

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3230 ICST-MK3230 Datasheet
68Kb / 4P
Portable System Clock Synthesizer
Revision 022798
MK3230-01S ICST-MK3230-01S Datasheet
68Kb / 4P
Portable System Clock Synthesizer
Revision 022798
MK3230-01STR ICST-MK3230-01STR Datasheet
68Kb / 4P
Portable System Clock Synthesizer
Revision 022798
MK3230-02S ICST-MK3230-02S Datasheet
68Kb / 4P
Portable System Clock Synthesizer
Revision 022798
MK3230-02STR ICST-MK3230-02STR Datasheet
68Kb / 4P
Portable System Clock Synthesizer
Revision 022798
More results


Similar Description - MK3235

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-05 ICST-ICS650-05 Datasheet
59Kb / 4P
HDTV Clock Synthesizer
Revision 081199
MK3230 ICST-MK3230 Datasheet
68Kb / 4P
Portable System Clock Synthesizer
Revision 022798
MK3233 ICST-MK3233 Datasheet
68Kb / 4P
Handheld System Clock Synthesizer
Revision 11070
MK3234 ICST-MK3234 Datasheet
67Kb / 4P
Portable System Clock Synthesizer
Revision 022798
logo
Pericom Semiconductor C...
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
Precision Clock Synthesizer
logo
Integrated Circuit Syst...
ICS448-16 ICST-ICS448-16 Datasheet
126Kb / 7P
Networking Clock Synthesizer
Revision 031605
ICS1527 ICST-ICS1527 Datasheet
625Kb / 11P
Video Clock Synthesizer
Revision 110905
logo
Texas Instruments
CDC9171 TI1-CDC9171 Datasheet
79Kb / 5P
DVD SYSTEM CLOCK SYNTHESIZER
logo
Renesas Technology Corp
ICS650-11 RENESAS-ICS650-11 Datasheet
274Kb / 9P
NETWORKING CLOCK SYNTHESIZER
012313
ICS667-01 RENESAS-ICS667-01 Datasheet
312Kb / 7P
HDTV CLOCK SYNTHESIZER
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com