Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK3234 Datasheet (PDF) - Integrated Circuit Systems

MK3234 Datasheet PDF - Integrated Circuit Systems
Part # MK3234
Download  MK3234 Download
File Size   67.97 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Portable System Clock Synthesizer

MK3234 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK3234 Datasheet PDF - Integrated Circuit Systems

Part # MK3234
Download  MK3234 Click to download

File Size   67.97 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Portable System Clock Synthesizer

MK3234 Datasheet (HTML) - Integrated Circuit Systems


MK3234 Product details

Description
The MK3234 is the smallest size, lowest power system clock synthesizer available. It is the ideal way to generate clocks for portable computers and other devices where low power is required. Using analog Phase-Locked Loop (PLL) techniques, the device operates from a single 32.768 kHz crystal to produce the 32.768kHz, CPU, and ISA bus (system) output clocks.

Features
• Input crystal frequency of 32.768 kHz
• Lowest power solution available
• Lowest profile clock solution where height is critical
• Output clock frequencies up to 50 MHz
• Three output clocks
• 3.3V or 5.0V operation
• Duty cycle of 45/55
• Eight selectable CPU frequencies
• CPU clock power down
• Separate battery supply pin for 32 kHz runs to 2V
• IDD less than 4µA when 32 kHz running
• Packaged in 16 pin narrow (0.150”) SOIC




Similar Part No. - MK3234

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3230 ICST-MK3230 Datasheet
68Kb / 4P
Portable System Clock Synthesizer
Revision 022798
MK3230-01S ICST-MK3230-01S Datasheet
68Kb / 4P
Portable System Clock Synthesizer
Revision 022798
MK3230-01STR ICST-MK3230-01STR Datasheet
68Kb / 4P
Portable System Clock Synthesizer
Revision 022798
MK3230-02S ICST-MK3230-02S Datasheet
68Kb / 4P
Portable System Clock Synthesizer
Revision 022798
MK3230-02STR ICST-MK3230-02STR Datasheet
68Kb / 4P
Portable System Clock Synthesizer
Revision 022798
More results


Similar Description - MK3234

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
Portable System Controller
DS1677 DALLAS-DS1677 Datasheet
162Kb / 17P
Portable System Controller
logo
Integrated Circuit Syst...
MK3230 ICST-MK3230 Datasheet
68Kb / 4P
Portable System Clock Synthesizer
Revision 022798
MK3233 ICST-MK3233 Datasheet
68Kb / 4P
Handheld System Clock Synthesizer
Revision 11070
MK3235 ICST-MK3235 Datasheet
67Kb / 4P
Handheld System Clock Synthesizer
Revision 092397
logo
Dallas Semiconductor
DS1670 DALLAS-DS1670 Datasheet
252Kb / 17P
Portable System Controller
logo
Integrated Circuit Syst...
ICS149317 ICST-ICS149317 Datasheet
222Kb / 11P
Clock Synthesizer for Portable Systems
Revision 101005
logo
Texas Instruments
CDC9171 TI1-CDC9171 Datasheet
79Kb / 5P
DVD SYSTEM CLOCK SYNTHESIZER
logo
Maxim Integrated Produc...
DS1677 MAXIM-DS1677 Datasheet
230Kb / 18P
Portable System Controller
REV: 080905
logo
Renesas Technology Corp
ICS1493-17 RENESAS-ICS1493-17 Datasheet
413Kb / 13P
CLOCK SYNTHESIZER FOR PORTABLE SYSTEMS ICS1493-17
Mar 2020
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com