Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1493-17 Datasheet (PDF) - Renesas Technology Corp

ICS1493-17 Datasheet PDF - Renesas Technology Corp
Part # ICS1493-17
Download  ICS1493-17 Download
File Size   413.36 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CLOCK SYNTHESIZER FOR PORTABLE SYSTEMS ICS1493-17

ICS1493-17 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS1493-17 Datasheet PDF - Renesas Technology Corp

Part # ICS1493-17
Download  ICS1493-17 Click to download

File Size   413.36 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CLOCK SYNTHESIZER FOR PORTABLE SYSTEMS ICS1493-17

ICS1493-17 Datasheet (HTML) - Renesas Technology Corp


ICS1493-17 Product details

Description
The ICS1493-17 is a low-power, low-jitter clock
synthesizer designed to replace multiple crystals and
oscillators in portable audio/video systems. The device
generates a 37 MHz processor clock, a 48 MHz USB
clock, a fixed 22.5792 MHz audio clock, a selectable
24.576 MHz or 22.5792 MHz audio clock, and a 27MHz
reference clock for video. Using ICS’ proprietary mix of
analog and digital Phase-Locked Loop (PLL)
technology, the device spreads the frequency spectrum
of the 37 MHz output, reducing the peak amplitude of by
up to 16 dB. An output enable (OE) pin lowers the chip
power consumption while tri-stating all outputs.
Features
• Extremely low operating current (11 mA)
• Packaged in 20-pin QFN (Pb-free)
• Input crystal or clock frequency of 27 MHz
• Output reference frequency of 27 MHz
• Fixed output frequencies of 37 MHz, 48 MHz and
22.5792 MHz
• Selectable output frequency of either 22.5792 MHz
or 24.576 MHz
• Configurable spread spectrum on 37 MHz output
• Operating core voltage of 1.8 V
• Output voltage of 1.8 V or 2.5 V
• Advanced, low-power CMOS process




Similar Part No. - ICS1493-17

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1493-17 ICST-ICS1493-17 Datasheet
222Kb / 11P
Clock Synthesizer for Portable Systems
Revision 101005
More results


Similar Description - ICS1493-17

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR5HCFJ8 SEMTECH-UR5HCFJ8 Datasheet
195Kb / 16P
Low-Power Keyboard Encoder for Portable Systems
UR5HCFJL SEMTECH-UR5HCFJL Datasheet
211Kb / 20P
Zero-PowerTM Keyboard Encoder for Portable Systems
logo
Integrated Circuit Syst...
MK3230 ICST-MK3230 Datasheet
68Kb / 4P
Portable System Clock Synthesizer
Revision 022798
MK3234 ICST-MK3234 Datasheet
67Kb / 4P
Portable System Clock Synthesizer
Revision 022798
ICS149317 ICST-ICS149317 Datasheet
222Kb / 11P
Clock Synthesizer for Portable Systems
Revision 101005
logo
Texas Instruments
CDCDLP223 TI-CDCDLP223 Datasheet
147Kb / 7P
3.3 V Clock Synthesizer for DLP TM Systems
CDCDLP223 TI-CDCDLP223_07 Datasheet
205Kb / 9P
3.3 V Clock Synthesizer for DLP Systems
CDCDLP223 TI1-CDCDLP223_15 Datasheet
528Kb / 10P
3.3 V Clock Synthesizer for DLP Systems
logo
Renesas Technology Corp
9FGS9093 RENESAS-9FGS9093 Datasheet
650Kb / 13P
Clock Generator for P9 Systems
Mar 29, 2022
9TCS1085 RENESAS-9TCS1085 Datasheet
682Kb / 39P
MOBILE ACCESS™—CLOCK SYNTHESIZER, TEMPERATURE SENSOR, & PWM FAN CONTROLLER FOR PORTABLE DEVICES
REV 0.7 012012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com