Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1493-17 Datasheet (PDF) - Integrated Circuit Systems

ICS1493-17 Datasheet PDF - Integrated Circuit Systems
Part # ICS1493-17
Download  ICS1493-17 Download
File Size   222.77 Kbytes
Page   11 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Clock Synthesizer for Portable Systems

ICS1493-17 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS1493-17 Datasheet PDF - Integrated Circuit Systems

Part # ICS1493-17
Download  ICS1493-17 Click to download

File Size   222.77 Kbytes
Page   11 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Clock Synthesizer for Portable Systems

ICS1493-17 Datasheet (HTML) - Integrated Circuit Systems


ICS1493-17 Product details

Description
The ICS1493-17 is a low-power, low-jitter clock synthesizer designed to replace multiple crystals and oscillators in portable audio/video systems. The device generates a 37 MHz processor clock, a 48 MHz USB clock, a fixed 22.5792 MHz audio clock, a selectable 24.576 MHz or 22.5792 MHz audio clock, and a 27MHz reference clock for video. Using ICS’ proprietary mix of analog and digital Phase-Locked Loop (PLL) technology, the device spreads the frequency spectrum of the 37 MHz output, reducing the peak amplitude of by up to 16 dB. An output enable (OE) pin lowers the chip power consumption while tri-stating all outputs.

Features
• Extremely low operating current (11 mA)
• Packaged in 20-pin QFN (Pb-free)
• Input crystal or clock frequency of 27 MHz
• Output reference frequency of 27 MHz
• Fixed output frequencies of 37 MHz, 48 MHz and 22.5792 MHz
• Selectable output frequency of either 22.5792 MHz or 24.576 MHz
• Configurable spread spectrum on 37 MHz output
• Operating core voltage of 1.8 V
• Output voltage of 1.8 V or 2.5 V
• Advanced, low-power CMOS process




Similar Part No. - ICS1493-17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS1493-17 RENESAS-ICS1493-17 Datasheet
413Kb / 13P
CLOCK SYNTHESIZER FOR PORTABLE SYSTEMS ICS1493-17
Mar 2020
More results


Similar Description - ICS1493-17

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR5HCFJ8 SEMTECH-UR5HCFJ8 Datasheet
195Kb / 16P
Low-Power Keyboard Encoder for Portable Systems
UR5HCFJL SEMTECH-UR5HCFJL Datasheet
211Kb / 20P
Zero-PowerTM Keyboard Encoder for Portable Systems
logo
Integrated Circuit Syst...
MK3230 ICST-MK3230 Datasheet
68Kb / 4P
Portable System Clock Synthesizer
Revision 022798
MK3234 ICST-MK3234 Datasheet
67Kb / 4P
Portable System Clock Synthesizer
Revision 022798
logo
Texas Instruments
CDCDLP223 TI-CDCDLP223 Datasheet
147Kb / 7P
3.3 V Clock Synthesizer for DLP TM Systems
CDCDLP223 TI-CDCDLP223_07 Datasheet
205Kb / 9P
3.3 V Clock Synthesizer for DLP Systems
CDCDLP223 TI1-CDCDLP223_15 Datasheet
528Kb / 10P
3.3 V Clock Synthesizer for DLP Systems
logo
Renesas Technology Corp
9FGS9093 RENESAS-9FGS9093 Datasheet
650Kb / 13P
Clock Generator for P9 Systems
Mar 29, 2022
9TCS1085 RENESAS-9TCS1085 Datasheet
682Kb / 39P
MOBILE ACCESS™—CLOCK SYNTHESIZER, TEMPERATURE SENSOR, & PWM FAN CONTROLLER FOR PORTABLE DEVICES
REV 0.7 012012
ICS1493-17 RENESAS-ICS1493-17 Datasheet
413Kb / 13P
CLOCK SYNTHESIZER FOR PORTABLE SYSTEMS ICS1493-17
Mar 2020
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com