Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK74ZD133 Datasheet (PDF) - Integrated Circuit Systems

MK74ZD133 Datasheet PDF - Integrated Circuit Systems
Part # MK74ZD133
Download  MK74ZD133 Download
File Size   116.4 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description PLL and 32-Output Clock Driver

MK74ZD133 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK74ZD133 Datasheet PDF - Integrated Circuit Systems

Part # MK74ZD133
Download  MK74ZD133 Click to download

File Size   116.4 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description PLL and 32-Output Clock Driver

MK74ZD133 Datasheet (HTML) - Integrated Circuit Systems


MK74ZD133 Product details

Description

The MK74ZD133 is a monolithic CMOS high speed clock driver that includes an on-chip PLL (Phase Locked Loop). Ideal for communications and other systems that require a large number of high-speed clocks, the unique combination of PLL and 32 outputs can eliminate oscillators and multiple low skew buffers. With 32 outputs included in one device, there is also no need to worry about chip-to-chip skew. The zero delay modes cause the input clock rising edge to be synchronized with all of the outputs’ rising edges.



Features

• 56 pin SSOP or 64 pin LQFP package

• On-chip PLL generates output clocks up to 80 MHz (SSOP) or 133.33 MHz (LQFP)

• Zero delay plus multiplier function

• 32 low-skew outputs can eliminate chip-to-chip skew concerns in systems with less than 33 clocks

• Output to output skew of 200 ps (with stagger)

• Device to device skew of 700ps

• Staggered, fixed skew helps reduce EMI

• Tri-state (Output Enable) pin

• Output blocks can be independently powered off

• 250 ps typical fixed delay between input and output in “Multiplier” mode

• Ideal for Fast Ethernet and Gigabit Ethernet designs

• Good for video servers

• 3.3V±5% supply voltage



 




Similar Part No. - MK74ZD133

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK74CB115 ICST-MK74CB115 Datasheet
75Kb / 5P
1 to 16 Buffalo??Clock Driver
Revision 020800
MK74CB115R ICST-MK74CB115R Datasheet
75Kb / 5P
1 to 16 Buffalo??Clock Driver
Revision 020800
MK74CB115RTR ICST-MK74CB115RTR Datasheet
75Kb / 5P
1 to 16 Buffalo??Clock Driver
Revision 020800
MK74CB163 ICST-MK74CB163 Datasheet
76Kb / 5P
1 to 16 PECL to CMOS Buffalo??Clock Driver
Revision 112399
MK74CB163R ICST-MK74CB163R Datasheet
76Kb / 5P
1 to 16 PECL to CMOS Buffalo??Clock Driver
Revision 112399
More results


Similar Description - MK74ZD133

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC88PL117 MOTOROLA-MC88PL117 Datasheet
139Kb / 11P
CMOS PLL CLOCK DRIVER
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
LOW VOLTAGE PLL CLOCK DRIVER
MPC932 MOTOROLA-MPC932 Datasheet
114Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
LOW VOLTAGE PLL CLOCK DRIVER
MPC992 MOTOROLA-MPC992 Datasheet
109Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2972 PERICOM-PI6C2972 Datasheet
184Kb / 7P
Low Voltage PLL Clock Driver
logo
Exar Corporation
XRK39351 EXAR-XRK39351 Datasheet
269Kb / 10P
3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
logo
Motorola, Inc
MPC9315 MOTOROLA-MPC9315 Datasheet
183Kb / 16P
2.5V and 3.3V CMOS PLL Clock Generator and Driver
logo
Exar Corporation
XRK39351_0611 EXAR-XRK39351_0611 Datasheet
293Kb / 12P
3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
logo
Renesas Technology Corp
MPC9315 RENESAS-MPC9315 Datasheet
441Kb / 19P
2.5V and 3.3V CMOS PLL Clock Generator and Driver
October 4, 2016
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com