Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT29FCT53A Datasheet (PDF) - Integrated Device Technology

IDT29FCT53A Datasheet PDF - Integrated Device Technology
Part # IDT29FCT53A
Download  IDT29FCT53A Download
File Size   62.75 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS OCTAL REGISTERED TRANSCEIVERS

IDT29FCT53A Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT29FCT53A Datasheet PDF - Integrated Device Technology

Part # IDT29FCT53A
Download  IDT29FCT53A Click to download

File Size   62.75 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS OCTAL REGISTERED TRANSCEIVERS

IDT29FCT53A Datasheet (HTML) - Integrated Device Technology


IDT29FCT53A Product details

DESCRIPTION:
The IDT29FCT52A/B/C and IDT29FCT53A/B/C are 8-bit registered transceivers manufactured using an advanced dual metal CMOS technology. Two 8-bit back-to-back registers store data flowing in both directions between two bidirectional buses. Separate clock, clock enable and 3-state output enable signals are provided for each register. Both A outputs and B outputs are guaranteed to sink 64mA.
The IDT29FCT52A/B/C is a non-inverting option of the IDT29FCT53A/B/C.

FEATURES:
• Equivalent to AMD’s Am2952/53 and National’s 29F52/53 in pinout/function
• IDT29FCT52A/53A equivalent to FAST speed
• IDT29FCT52B/53B 25% faster than FAST
• IDT29FCT52C/53C 37% faster than FAST
• IOL = 64mA (commercial) and 48mA (military)
• IIH and IIL only 5µA max.
• CMOS power levels (2.5mW typ. static)
• TTL input and output level compatible
• CMOS output level compatible
• Available in 24-pin DIP, SOIC, 28-pin LCC with JEDEC standard pinout
• Product available in Radiation Tolerant and Radiation Enhanced versions
• Military product compliant to MIL-STD-883, Class B




Similar Part No. - IDT29FCT53A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT29FCT53AT IDT-IDT29FCT53AT Datasheet
125Kb / 8P
FAST CMOS OCTAL REGISTERED TRANSCEIVERS
More results


Similar Description - IDT29FCT53A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT29FCT52AT IDT-IDT29FCT52AT Datasheet
125Kb / 8P
FAST CMOS OCTAL REGISTERED TRANSCEIVERS
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
Fast CMOS Octal Bidirectional Transceivers
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
Fast CMOS 16-Bit Registered Transceivers
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
Fast CMOS 18-Bit Registered Transceivers
PI74FCT646T PERICOM-PI74FCT646T Datasheet
84Kb / 7P
Fast CMOS Octal Registered Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
Fast CMOS 3.3V 16-Bit Registered Transceivers
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
Fast CMOS Octal Bidirectional Transceivers
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com