Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7188L Datasheet (PDF) - Integrated Device Technology

IDT7188L Datasheet PDF - Integrated Device Technology
Part # IDT7188L
Download  IDT7188L Download
File Size   69.24 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS STATIC RAM 64K 16K x 4-BIT

IDT7188L Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT7188L Datasheet PDF - Integrated Device Technology

Part # IDT7188L
Download  IDT7188L Click to download

File Size   69.24 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS STATIC RAM 64K 16K x 4-BIT

IDT7188L Datasheet (HTML) - Integrated Device Technology


IDT7188L Product details

Description
The IDT7188 is a 65,536-bit high-speed static RAM organized as 16K x 4. It is fabricated using IDT’s high-performance, high-reliability technology — CMOS. This state-of-the-art technology, combined with innovative circuit design techniques, provides a cost effective approach for memory intensive applications.

Features
◆ High-speed (equal access and cycle times)
    – Military: 25/35/45/55/70/85ns (max.)
◆ Low power consumption
◆ Battery backup operation — 2V data retention (L version only)
◆ Available in high-density industry standard 22-pin, 300 mil ceramic DIP
◆ Produced with advanced CMOS technology
◆ Inputs/outputs TTL-compatible
◆ Military product compliant to MIL-STD-883, Class B




Similar Part No. - IDT7188L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7187 IDT-IDT7187 Datasheet
70Kb / 8P
CMOS STATIC RAM 64K (64K x 1-BIT)
IDT7187L IDT-IDT7187L Datasheet
70Kb / 8P
CMOS STATIC RAM 64K (64K x 1-BIT)
IDT7187L25DB IDT-IDT7187L25DB Datasheet
70Kb / 8P
CMOS STATIC RAM 64K (64K x 1-BIT)
IDT7187L25L22B IDT-IDT7187L25L22B Datasheet
70Kb / 8P
CMOS STATIC RAM 64K (64K x 1-BIT)
IDT7187L35DB IDT-IDT7187L35DB Datasheet
70Kb / 8P
CMOS STATIC RAM 64K (64K x 1-BIT)
More results


Similar Description - IDT7188L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6708A MOTOROLA-MCM6708A Datasheet
143Kb / 8P
64K x 4 Bit Static RAM
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
64K x 4 Bit Static RAM
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
64K x 4 Bit Static RAM
logo
Integrated Device Techn...
IDT61298SA IDT-IDT61298SA Datasheet
67Kb / 7P
CMOS STATIC RAM 256K (64K x 4-BIT)
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6168SA IDT-IDT6168SA Datasheet
91Kb / 9P
CMOS STATIC RAM 16K (4K x 4-BIT)
IDT6198S IDT-IDT6198S Datasheet
79Kb / 8P
CMOS STATIC RAM 64K (16K x 4-BIT) with Output Control
IDT7187S IDT-IDT7187S Datasheet
70Kb / 8P
CMOS STATIC RAM 64K (64K x 1-BIT)
logo
Sharp Corporation
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
CMOS 64K X 4 STATIC RAM
logo
Integrated Device Techn...
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
CMOS Static RAM 256K (64K x 4-Bit)
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com