Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7187L Datasheet (PDF) - Integrated Device Technology

IDT7187L Datasheet PDF - Integrated Device Technology
Part # IDT7187L
Download  IDT7187L Download
File Size   70.65 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS STATIC RAM 64K (64K x 1-BIT)

IDT7187L Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT7187L Datasheet PDF - Integrated Device Technology

Part # IDT7187L
Download  IDT7187L Click to download

File Size   70.65 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS STATIC RAM 64K (64K x 1-BIT)

IDT7187L Datasheet (HTML) - Integrated Device Technology


IDT7187L Product details

DESCRIPTION:
The IDT7187 is a 65,536-bit high-speed static RAM organized as 64K x 1. It is fabricated using IDT’s highperformance, high-reliability CMOS technology. Access times as fast as 25ns are available.

FEATURES:
• High speed (equal access and cycle time)
    — Military: 25/35/45/55/70/85ns (max.)
• Low power consumption
• Battery backup operation—2V data retention (L version only)
• JEDEC standard high-density 22-pin ceramic DIP, 22-pin leadless chip carrier
• Produced with advanced CMOS high-performance technology
• Separate data input and output
• Input and output directly TTL-compatible
• Military product compliant to MIL-STD-883, Class B




Similar Part No. - IDT7187L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7188L IDT-IDT7188L Datasheet
69Kb / 8P
CMOS STATIC RAM 64K 16K x 4-BIT
IDT7188L25DB IDT-IDT7188L25DB Datasheet
69Kb / 8P
CMOS STATIC RAM 64K 16K x 4-BIT
IDT7188L35DB IDT-IDT7188L35DB Datasheet
69Kb / 8P
CMOS STATIC RAM 64K 16K x 4-BIT
IDT7188L45DB IDT-IDT7188L45DB Datasheet
69Kb / 8P
CMOS STATIC RAM 64K 16K x 4-BIT
IDT7188L55DB IDT-IDT7188L55DB Datasheet
69Kb / 8P
CMOS STATIC RAM 64K 16K x 4-BIT
More results


Similar Description - IDT7187L

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH521028A SHARP-LH521028A Datasheet
124Kb / 15P
CMOS 64K x 18 Static RAM
logo
Integrated Device Techn...
IDT61298SA IDT-IDT61298SA Datasheet
67Kb / 7P
CMOS STATIC RAM 256K (64K x 4-BIT)
IDT71016 IDT-IDT71016 Datasheet
482Kb / 9P
CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Cypress Semiconductor
CY7C187 CYPRESS-CY7C187 Datasheet
142Kb / 9P
64K x 1 Static RAM
August 24, 2001
logo
Sharp Corporation
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
CMOS 64K X 4 STATIC RAM
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
CMOS Static RAM 64K (8K x 8-Bit)
logo
Cypress Semiconductor
CY7C187 CYPRESS-CY7C187_06 Datasheet
261Kb / 9P
64K x 1 Static RAM
logo
Integrated Device Techn...
IDT71016S IDT-IDT71016S_14 Datasheet
82Kb / 9P
CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71016S RENESAS-71016S Datasheet
201Kb / 10P
CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.02.20
7164S RENESAS-7164S Datasheet
213Kb / 12P
CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com