Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT71L024 Datasheet (PDF) - Integrated Device Technology

IDT71L024 Datasheet PDF - Integrated Device Technology
Part # IDT71L024
Download  IDT71L024 Download
File Size   62.04 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description low power 3v cmos sram 1 meg (128k X 8-bit)

IDT71L024 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT71L024 Datasheet PDF - Integrated Device Technology

Part # IDT71L024
Download  IDT71L024 Click to download

File Size   62.04 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description low power 3v cmos sram 1 meg (128k X 8-bit)

IDT71L024 Datasheet (HTML) - Integrated Device Technology


IDT71L024 Product details

DESCRIPTION:
The IDT71L024 is a 1,048,576-bit very low-power Static RAM organized as 128K x 8. It is fabricated using IDT’s high-reliability CMOS technology. This state-of-the-art technology, combined with innovative circuit design techniques, provides a cost-effective solution for low-power memory needs. It uses a 6-transistor memory cell.

FEATURES:
• 128K x 8 Organization
• Wide Operating Voltage Range: 2.7V to 3.6V
• Speed Grades: 70ns, 100ns
• Low Operating Power: 25mA (max)
• Low Standby Power: 5µA (max)
• Low-Voltage Data Retention: 1.5V (min)
• Available in 32-pin, 13.4mm x 8mm Type I TSOP package




Similar Part No. - IDT71L024

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71L016 IDT-IDT71L016 Datasheet
80Kb / 8P
LOW POWER 3V CMOS SRAM 1 MEG (64K x 16-BIT)
IDT71L016L100PH IDT-IDT71L016L100PH Datasheet
80Kb / 8P
LOW POWER 3V CMOS SRAM 1 MEG (64K x 16-BIT)
IDT71L016L100PHI IDT-IDT71L016L100PHI Datasheet
80Kb / 8P
LOW POWER 3V CMOS SRAM 1 MEG (64K x 16-BIT)
IDT71L016L70PH IDT-IDT71L016L70PH Datasheet
80Kb / 8P
LOW POWER 3V CMOS SRAM 1 MEG (64K x 16-BIT)
IDT71L016L70PHI IDT-IDT71L016L70PHI Datasheet
80Kb / 8P
LOW POWER 3V CMOS SRAM 1 MEG (64K x 16-BIT)
More results


Similar Description - IDT71L024

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71L016 IDT-IDT71L016 Datasheet
80Kb / 8P
LOW POWER 3V CMOS SRAM 1 MEG (64K x 16-BIT)
IDT71T024 IDT-IDT71T024 Datasheet
62Kb / 8P
LOW POWER 2V CMOS SRAM 1 MEG (128K x 8-BIT)
logo
List of Unclassifed Man...
UT621024 ETC-UT621024 Datasheet
205Kb / 12P
128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W1024 LYONTEK-LY62W1024 Datasheet
236Kb / 16P
128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024_1012 LYONTEK-LY62L1024_1012 Datasheet
345Kb / 16P
128K X 8 BIT LOW POWER CMOS SRAM
LY62W1024 LYONTEK-LY62W1024_12 Datasheet
446Kb / 16P
128K X 8 BIT LOW POWER CMOS SRAM
LY621024_1008 LYONTEK-LY621024_1008 Datasheet
346Kb / 16P
128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008-55PCN ALSC-AS6C1008-55PCN Datasheet
2Mb / 14P
128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L1024 LYONTEK-LY62L1024_16 Datasheet
812Kb / 18P
128K X 8 BIT LOW POWER CMOS SRAM
logo
Renesas Technology Corp
71024S RENESAS-71024S Datasheet
312Kb / 9P
CMOS Static RAM 1 Meg (128K x 8-Bit)
Mar. 30.21
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com