Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT640A Datasheet (PDF) - Integrated Device Technology

IDT74FCT640A Datasheet PDF - Integrated Device Technology
Part # IDT74FCT640A
Download  IDT74FCT640A Download
File Size   70.4 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS

IDT74FCT640A Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT640A Datasheet PDF - Integrated Device Technology

Part # IDT74FCT640A
Download  IDT74FCT640A Click to download

File Size   70.4 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS

IDT74FCT640A Datasheet (HTML) - Integrated Device Technology


IDT74FCT640A Product details

DESCRIPTION:

The IDT octal bidirectional transceivers are built using an advanced dual metal CMOS technology. The IDT54/74FCT245/A/C, IDT54/74FCT640/A/C and IDT54/74FCT645/A/C are designed for asynchronous two-way communication between data buses. The transmit/receive (T/R) input determines the direction of data flow through the bidirectional transceiver. Transmit (active HIGH) enables data from A ports to B ports, and receive (active LOW) from B ports to A ports. The output enable (OE) input, when HIGH, disables both A and B ports by placing them in High-Z condition.

The IDT54/74FCT245/A/C and IDT54/74FCT645/A/C transceivers have non-inverting outputs. The IDT54/74FCT640/A/C has inverting outputs.



FEATURES:

• IDT54/74FCT245/640/645 equivalent to FAST™ speed and drive

• IDT54/74FCT245A/640A/645A 25% faster than FAST

• IDT54/74FCT245C/640C/645C 40% faster than FAST

• TTL input and output level compatible

• CMOS output level compatible

• IOL = 64mA (commercial) and 48mA (military)

• Input current levels only 5µA max.

• CMOS power levels (2.5mW typical static)

• Direction control and over-riding 3-state control

• Product available in Radiation Tolerant and Radiation Enhanced versions

• Military product compliant to MIL-STD-883, Class B and DESC listed

• Meets or exceeds JEDEC Standard 18 specifications



 




Similar Part No. - IDT74FCT640A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT640AT IDT-IDT74FCT640AT Datasheet
160Kb / 8P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT640ATD IDT-IDT74FCT640ATD Datasheet
160Kb / 8P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT640ATDB IDT-IDT74FCT640ATDB Datasheet
160Kb / 8P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT640ATE IDT-IDT74FCT640ATE Datasheet
160Kb / 8P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT640ATEB IDT-IDT74FCT640ATEB Datasheet
160Kb / 8P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
More results


Similar Description - IDT74FCT640A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT29FCT52A IDT-IDT29FCT52A Datasheet
62Kb / 7P
FAST CMOS OCTAL REGISTERED TRANSCEIVERS
IDT29FCT52AT IDT-IDT29FCT52AT Datasheet
125Kb / 8P
FAST CMOS OCTAL REGISTERED TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT3245 IDT-IDT74FCT3245 Datasheet
114Kb / 6P
3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
Fast CMOS Octal Bidirectional Transceivers
PI74FCT646T PERICOM-PI74FCT646T Datasheet
84Kb / 7P
Fast CMOS Octal Registered Transceivers
logo
Integrated Device Techn...
IDT74FCT645T IDT-IDT74FCT645T Datasheet
110Kb / 6P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
54F253DMQB IDT-54F253DMQB Datasheet
188Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
Fast CMOS Octal Bidirectional Transceivers
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com