Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7429FCT52ATSO Datasheet (PDF) - Integrated Device Technology

7429FCT52ATSO Datasheet PDF - Integrated Device Technology
Part # 7429FCT52ATSO
Download  7429FCT52ATSO Download
File Size   125.65 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS OCTAL REGISTERED TRANSCEIVERS

7429FCT52ATSO Datasheet (PDF)

Go To PDF Page Download Datasheet
7429FCT52ATSO Datasheet PDF - Integrated Device Technology

Part # 7429FCT52ATSO
Download  7429FCT52ATSO Click to download

File Size   125.65 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS OCTAL REGISTERED TRANSCEIVERS

7429FCT52ATSO Datasheet (HTML) - Integrated Device Technology


7429FCT52ATSO Product details

DESCRIPTION:
The IDT29FCT52AT/BT/CT/DT and IDT29FCT53AT/BT/ CT are 8-bit registered transceivers built using an advanced dual metal CMOS technology. Two 8-bit back-to-back registers store data flowing in both directions between two bidirectional buses. Separate clock, clock enable and 3-state output enable signals are provided for each register. Both A outputs and B outputs are guaranteed to sink 64mA.

FEATURES:
• Common features:
    – Low input and output leakage ≤1µA (max.)
    – CMOS power levels
    – True TTL input and output compatibility
        – VOH = 3.3V (typ.)
        – VOL = 0.3V (typ.)
    – Meets or exceeds JEDEC standard 18 specifications
    – Product available in Radiation Tolerant and Radiation Enhanced versions
    – Military product compliant to MIL-STD-883, Class B and DESC listed (dual marked)
    – Available in DIP, SOIC, SSOP, QSOP, CERPACK and LCC packages

• Features for 29FCT52/29FCT53T:
    – A, B, C and D speed grades
    – High drive outputs (-15mA IOH, 64mA IOL)
    – Power off disable outputs permit “live insertion”

• Features for 29FCT2052T:
– A, B and C speed grades
– Resistor outputs (-15mA IOH, 12mA IOL Com.)
                              (-12mA IOH, 12mA IOL Mil.)
– Reduced system switching noise




Similar Part No. - 7429FCT52ATSO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7429FCT520ATD IDT-7429FCT520ATD Datasheet
93Kb / 7P
MULTILEVEL PIPELINE REGISTERS
7429FCT520ATDB IDT-7429FCT520ATDB Datasheet
93Kb / 7P
MULTILEVEL PIPELINE REGISTERS
7429FCT520ATE IDT-7429FCT520ATE Datasheet
93Kb / 7P
MULTILEVEL PIPELINE REGISTERS
7429FCT520ATEB IDT-7429FCT520ATEB Datasheet
93Kb / 7P
MULTILEVEL PIPELINE REGISTERS
7429FCT520ATL IDT-7429FCT520ATL Datasheet
93Kb / 7P
MULTILEVEL PIPELINE REGISTERS
More results


Similar Description - 7429FCT52ATSO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT29FCT52A IDT-IDT29FCT52A Datasheet
62Kb / 7P
FAST CMOS OCTAL REGISTERED TRANSCEIVERS
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
Fast CMOS Octal Bidirectional Transceivers
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
Fast CMOS 16-Bit Registered Transceivers
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
Fast CMOS 18-Bit Registered Transceivers
PI74FCT646T PERICOM-PI74FCT646T Datasheet
84Kb / 7P
Fast CMOS Octal Registered Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
Fast CMOS 3.3V 16-Bit Registered Transceivers
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
Fast CMOS Octal Bidirectional Transceivers
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com