Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80188 Datasheet (PDF) - Intel Corporation

80188 Datasheet PDF - Intel Corporation
Part # 80188
Download  80188 Download
File Size   394.86 Kbytes
Page   33 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description HIGH-INTEGRATION 16-BIT MICROPROCESSORS

80188 Datasheet (PDF)

Go To PDF Page Download Datasheet
80188 Datasheet PDF - Intel Corporation

Part # 80188
Download  80188 Click to download

File Size   394.86 Kbytes
Page   33 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description HIGH-INTEGRATION 16-BIT MICROPROCESSORS

80188 Datasheet (HTML) - Intel Corporation


80188 Product details

Introduction
The following Functional Description describes the base architecture of the 80186. The 80186 is a very high integration 16-bit microprocessor. It combines 15± 20 of the most common microprocessor system components onto one chip while providing twice the performance of the standard 8086. The 80186 is object code compatible with the 8086/8088 microprocessors and adds 10 new instruction types to the 8086/8088 instruction set.

Integrated Feature Set
    Enhanced 8086-2 CPU
    Clock Generator
    2 Independent DMA Channels
    Programmable Interrupt Controller
    3 Programmable 16-bit Timers
    Programmable Memory and Peripheral Chip-Select Logic
    Programmable Wait State Generator
    Local Bus Controller
Available in 10 MHz and 8 MHz Versions
High-Performance Processor
    4 Mbyte/Sec Bus Bandwidth Interface @8 MHz (80186)
    5 Mbyte/Sec Bus Bandwidth Interface @10 MHz (80186)
Direct Addressing Capability to 1 Mbyte of Memory and 64 Kbyte I/O
Completely Object Code Compatible with All Existing 8086, 8088 Software
    10 New Instruction Types
Numerics Coprocessing Capability Through 8087 Interface
Available in 68 Pin:
    Plastic Leaded Chip Carrier (PLCC)
    Ceramic Pin Grid Array (PGA)
    Ceramic Leadless Chip Carrier (LCC)
Available in EXPRESS
    Standard Temperature with Burn-In
    Extended Temperature Range (- 40°C to +85°C)




Similar Part No. - 80188

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
80188 AMD-80188 Datasheet
3Mb / 51P
High Integration 8-Bit Microprocessor
logo
Intel Corporation
80188 INTEL-80188 Datasheet
1Mb / 22P
OPERATING SYSTEM PROCESSOR
logo
REMA Lipprandt GmbH & C...
80188-00 REMA-80188-00 Datasheet
128Kb / 1P
MonoCon
80188-00 REMA-80188-00 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
80188-02 REMA-80188-02 Datasheet
128Kb / 1P
MonoCon
More results


Similar Description - 80188

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C186EA INTEL-80C186EA Datasheet
709Kb / 50P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EC INTEL-80C186EC Datasheet
790Kb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
M80C186 INTEL-M80C186 Datasheet
590Kb / 59P
CHMOS HIGH INTEGRATION 16-BIT MICROPROCESSOR
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
logo
Advanced Micro Devices
80C188 AMD-80C188 Datasheet
3Mb / 103P
CMOS High-Integration 16-Bit Microprocessors
AM29116 AMD-AM29116 Datasheet
2Mb / 44P
High-Performance 16-Bit Bipolar Microprocessors
logo
Intel Corporation
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EG80C186EC25 INTEL-EG80C186EC25 Datasheet
1Mb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com