Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C186EA20 Datasheet (PDF) - Intel Corporation

C186EA20 Datasheet PDF - Intel Corporation
Part # C186EA20
Download  C186EA20 Download
File Size   709.65 Kbytes
Page   50 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS

C186EA20 Datasheet (PDF)

Go To PDF Page Download Datasheet
C186EA20 Datasheet PDF - Intel Corporation

Part # C186EA20
Download  C186EA20 Click to download

File Size   709.65 Kbytes
Page   50 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS

C186EA20 Datasheet (HTML) - Intel Corporation


C186EA20 Product details

INTRODUCTION
Unless specifically noted, all references to the 80C186EA apply to the 80C188EA, 80L186EA, and 80L188EA. References to pins that differ between the 80C186EA/80L186EA and the 80C188EA/ 80L188EA are given in parentheses. The ‘‘L’’ in the part number denotes low voltage operation. Physically and functionally, the ‘‘C’’ and ‘‘L’’ devices are identical.

■ 80C186 Upgrade for Power Critical Applications
■ Fully Static Operation
■ True CMOS Inputs and Outputs
■ Integrated Feature Set
   — Static 186 CPU Core
   — Power Save, Idle and Powerdown Modes
   — Clock Generator
   — 2 Independent DMA Channels
   — 3 Programmable 16-Bit Timers
   — Dynamic RAM Refresh Control Unit
   — Programmable Memory and Peripheral Chip Select Logic
   — Programmable Wait State Generator
   — Local Bus Controller
   — System-Level Testing Support (High Impedance Test Mode)
■ Speed Versions Available (5V):
   — 25 MHz (80C186EA25/80C188EA25)
   — 20 MHz (80C186EA20/80C188EA20)
   — 13 MHz (80C186EA13/80C188EA13)
■ Speed Versions Available (3V):
   — 13 MHz (80L186EA13/80L188EA13)
   — 8 MHz (80L186EA8/80L188EA8)
■ Direct Addressing Capability to 1 Mbyte Memory and 64 Kbyte I/O
■ Supports 80C187 Numeric Coprocessor Interface (80C186EA only)
■ Available in the Following Packages:
   — 68-Pin Plastic Leaded Chip Carrier (PLCC)
   — 80-Pin EIAJ Quad Flat Pack (QFP)
   — 80-Pin Shrink Quad Flat Pack (SQFP)
■ Available in Extended Temperature Range (b40§C to a85§C)




Similar Part No. - C186EA20

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
C18 MOLEX-C18 Datasheet
429Kb / 2P
INTERNAL THREAD C18 SERIES
Rev. E 2006/04/15
logo
New Jersey Semi-Conduct...
C180 NJSEMI-C180 Datasheet
121Kb / 2P
High Power Silicon Controlled Rectifier
logo
ORION FANS
C180 ORIONFANS-C180 Datasheet
151Kb / 1P
FAN CORDS
11/22/2022
logo
Cooper Bussmann, Inc.
C180-10A COOPER-C180-10A Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
ORION FANS
C180-12 ORIONFANS-C180-12 Datasheet
151Kb / 1P
FAN CORDS
11/22/2022
More results


Similar Description - C186EA20

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C186EB INTEL-80C186EB Datasheet
779Kb / 59P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EC INTEL-80C186EC Datasheet
790Kb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
A80C186XL20 INTEL-A80C186XL20 Datasheet
405Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C188XL12 INTEL-EE80C188XL12 Datasheet
405Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EG80C186EC25 INTEL-EG80C186EC25 Datasheet
1Mb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com