Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1879 Datasheet (PDF) - Intersil Corporation

CDP1879 Datasheet PDF - Intersil Corporation
Part # CDP1879
Download  CDP1879 Download
File Size   100.32 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Real-Time Clock

CDP1879 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDP1879 Datasheet PDF - Intersil Corporation

Part # CDP1879
Download  CDP1879 Click to download

File Size   100.32 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Real-Time Clock

CDP1879 Datasheet (HTML) - Intersil Corporation


CDP1879 Product details

Description
The CDP1879 real-time clock supplies time and calendar information from seconds to months in BCD format. It consists of 5 separately addressable and programmable counters that divide down an oscillator input. The clock input can have any one of 4 possible frequencies, allowing flexibility in the choice of crystal or external clock sources. Using an external 32kHz clock source, timekeeping can be performed down to 2.5V (see Standby (Timekeeping) Voltage Operation).

Features
• CPU Interface for Use with General-Purpose Microprocessors
• Time Of Day/Calendar
• Reads Seconds, Minutes, Hours
• Reads Day of Month and Month
• Alarm Circuit With Seconds, Minutes or Hours Operation
• Power Down Mode
• Separate Clock Output Selects 1 of 15 Square Wave Signals
• Interrupt Output Activated By Clock Output and/or Alarm Circuit
• Date Integrity Sampling for Clock Rollover Eliminated
• On-Board Oscillator:
    - Crystal Operation CDP1879 at 10V. . . . . . . 4.19MHz, 2.09MHz or 1.048MHz
    - Crystal Operation CDP1879C-1 at 5V . . . . . 4.19MHz, 2.09MHz or 1.048MHz or 32kHz
    - External Clock Operation at 10V or 5V. . . . 4.19MHz, 2.09MHz, 1.048MHz or 32kHz
• Addressable in Memory Space or CDP1800 Series I/O Mode
• Low Standby (Timekeeping) Voltage with External Clock
• Related Literature
    - AN7275, Guide to the Use of CD1879 and CDP1879C1 Real Time Clock




Similar Part No. - CDP1879

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1871 INTERSIL-CDP1871 Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
CDP1871A INTERSIL-CDP1871A Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
CDP1871AC INTERSIL-CDP1871AC Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
CDP1871ACD INTERSIL-CDP1871ACD Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
CDP1871ACDX INTERSIL-CDP1871ACDX Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
More results


Similar Description - CDP1879

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
REAL-TIME CLOCK
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
Real Time Clock
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
Real Time Clock
logo
Golledge Electronics Lt...
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
Real Time clock
logo
List of Unclassifed Man...
TC8250P ETC-TC8250P Datasheet
412Kb / 20P
Real time clock
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
Real time clock
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
Real time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
Real Time Clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
Real Time Clock
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com