Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1879 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CDP1879
Description  CMOS Real-Time Clock
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1879 Datasheet(HTML) 1 Page - Intersil Corporation

  CDP1879 Datasheet HTML 1Page - Intersil Corporation CDP1879 Datasheet HTML 2Page - Intersil Corporation CDP1879 Datasheet HTML 3Page - Intersil Corporation CDP1879 Datasheet HTML 4Page - Intersil Corporation CDP1879 Datasheet HTML 5Page - Intersil Corporation CDP1879 Datasheet HTML 6Page - Intersil Corporation CDP1879 Datasheet HTML 7Page - Intersil Corporation CDP1879 Datasheet HTML 8Page - Intersil Corporation CDP1879 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
4-104
Features
• CPU Interface for Use with General-Purpose
Microprocessors
• Time Of Day/Calendar
• Reads Seconds, Minutes, Hours
• Reads Day of Month and Month
• Alarm Circuit With Seconds, Minutes or Hours
Operation
• Power Down Mode
• Separate Clock Output Selects 1 of 15 Square Wave
Signals
• Interrupt Output Activated By Clock Output and/or
Alarm Circuit
• Date Integrity Sampling for Clock Rollover Eliminated
• On-Board Oscillator:
- Crystal Operation CDP1879 at 10V . . . . . . . 4.19MHz,
2.09MHz or 1.048MHz
- Crystal Operation CDP1879C-1 at 5V . . . . . 4.19MHz,
2.09MHz or 1.048MHz or 32kHz
- External Clock Operation at 10V or 5V. . . . 4.19MHz,
2.09MHz, 1.048MHz or 32kHz
• Addressable in Memory Space or CDP1800 Series I/O
Mode
• Low Standby (Timekeeping) Voltage with External Clock
• Related Literature
- AN7275, Guide to the Use of CD1879 and
CDP1879C1 Real Time Clock
Pinout
CDP1879, CDP1879C-1 (PDIP, SBDIP)
TOP VIEW
Description
The CDP1879 real-time clock supplies time and calendar information
from seconds to months in BCD format. It consists of 5 separately
addressable and programmable counters that divide down an oscillator
input. The clock input can have any one of 4 possible frequencies,
allowing flexibility in the choice of crystal or external clock sources.
Using an external 32kHz clock source, timekeeping can be performed
down to 2.5V (see Standby (Timekeeping) Voltage Operation).
The device can be memory-mapped for use with any general-purpose
microprocessor and has the additional capability of operating in the
CDP1800 series input/output mode.
The real-time clock functions as a time-of-day/calendar with an alarm
capability that can be set for combinations of seconds, minutes or
hours. Alarm time is configured by loading alarm latches that activate
an interrupt output through a comparator when the counter and alarm
latch values are equal.
Fifteen selectable square-wave signals are available as a separate
clock output signal and can also activate the interrupt output. A status
register is available to indicate the interrupt source. The value in an 8 bit
control register determines the operational characteristics of the device,
by selecting the prescaler divisor and the clock output, and controls the
load and alarm functions.
A transparent “freeze” circuit preclude clock rollover during counter and
latch access times to assure stable and accurate values in the counters
and alarm latches.
The CDP1879 is functionally identical to the CDP1879C-1. The
CDP1879 has a recommended operating voltage range of 4V to 10.5V,
and the CDP1879C-1 has a recommended operating voltage range of
4V to 6.5V. The CDP1879 and the CDP1879C-1 are supplied in 24 lead
hermetic dual-in-line side-brazed ceramic packages (D suffix) and 24
lead dual-in-line plastic packages (E suffix
).
1
2
3
4
5
6
7
8
9
10
11
12
INT
RESET
POWER DOWN
RD
IO/MEM
TPB/WR
TPA
CS
A2
A1
A0
VSS
16
17
18
19
20
21
22
23
24
15
14
13
VDD
XTAL
CLK
DB7
DB6
DB4
DB2
DB1
DB0
XTAL
DB5
DB3
OUT
Ordering Information
PACKAGE
TEMP
RANGE
5V
10V
PKG.
NO.
PDIP
-40oC to
+85oC
CDP1879CE1
CDP1879E
E24.6
SBDIP
-40oC to
+85oC
CDP1879CD1
-
D24.6
Burn-In
CDP1879CD1X
-
D24.6
CDP1879 Modes of Operation
OPERATION
FUNCTION
Read
1. Seconds, minutes, hours, date and month counters
2. Status register to identify interrupt source
Write
1. Control register to set device operation
2. Seconds, minutes, hours, date and month counters
3. Alarm latches for alarm time
Power Down
1. Three-state interrupt output with active alarm or
clock out circuitry for wake-up control
2. Data bus and address inputs are “DON’T CARE”
Interrupt
1. Clock out as source
2. Alarm time as source
3. Either interrupt can occur during normal or power
down mode
March 1997
File Number
1360.2
CDP1879,
CDP1879C-1
CMOS Real-Time Clock
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - CDP1879

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1871 INTERSIL-CDP1871 Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
CDP1871A INTERSIL-CDP1871A Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
CDP1871AC INTERSIL-CDP1871AC Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
CDP1871ACD INTERSIL-CDP1871ACD Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
CDP1871ACDX INTERSIL-CDP1871ACDX Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
More results

Similar Description - CDP1879

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
REAL-TIME CLOCK
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
Real Time Clock
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
Real Time Clock
logo
Golledge Electronics Lt...
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
Real Time clock
logo
List of Unclassifed Man...
TC8250P ETC-TC8250P Datasheet
412Kb / 20P
Real time clock
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
Real time clock
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
Real time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
Real Time Clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com