Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1879 Datasheet(PDF) 13 Page - Intersil Corporation

Part # CDP1879
Description  CMOS Real-Time Clock
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1879 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button CDP1879 Datasheet HTML 9Page - Intersil Corporation CDP1879 Datasheet HTML 10Page - Intersil Corporation CDP1879 Datasheet HTML 11Page - Intersil Corporation CDP1879 Datasheet HTML 12Page - Intersil Corporation CDP1879 Datasheet HTML 13Page - Intersil Corporation CDP1879 Datasheet HTML 14Page - Intersil Corporation CDP1879 Datasheet HTML 15Page - Intersil Corporation CDP1879 Datasheet HTML 16Page - Intersil Corporation CDP1879 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
4-116
Applications
A typical application for this real-time clock is as a wake-up
control to a CPU to reduce total system power in intermit-
tent-use systems. A hookup diagram illustrating this feature
is shown in Figure 10. In this configuration, the alarm and
power-down features of the CDP1879 are utilized in the con-
trol of the sleep and wake-up states of the CPU. A typical
shut-down/start-up sequence for this system could proceed
as follows:
1. The CPU has finished a current task and will be inactive
for the next six hours.
2. The CPU loads the CDP1879 alarm registers with the
desired wake-up time.
3. The CDP1800 Q output is set high, which stops the CPU
oscillator (as an alternative, in an NMOS system, power
to all components except the clock chip could be shut off).
4. This Q output signal is received by the CDP1879 as a
power-down signal.
5. The CDP1879 three-states the interrupt output pin.
6. The CDP1879 eventually times out, and sets an alarm by
driving the INT output low.
7. The alarm signal resets the CPU (to avoid oscillator start-
up problems) and flags the processor for a warm-start
routine.
8. The CPU, once into its normal software sequence, writes
to the CDP1879 control register to reset the interrupt
request.
STANDBY (TIMEKEEPING) CHARACTERISTICS AT FULL TEMPERATURE RANGE
PARAMETER
VDD
(V)
VSTBY
(V)
LIMITS
UNITS
CDP1879
CDP1879C-1
MIN
MAX
MIN
MAX
Chip Deselect to Standby
tCSTBY
(Timekeeping) Voltage Time
5
10
2.5, 3
2.5, 3
2
1
-
-
2
-
-
-
µs
Recovery to Normal
tRC
Operation Time
5
10
2.5, 3
2.5, 3
2
1
-
-
2
-
-
-
NOTE:
1. tR, tF ≥ 1µs
FIGURE 8. STANDBY (TIMEKEEPING) VOLTAGE AND TIMING
WAVEFORMS
FIGURE 9. TYPICAL STANDBY (TIMEKEEPING) VOLTAGE vs
FULL TEMPERATURE RANGE
0.95 VDD
STANDBY
VOLTAGE MODE
VSTBY
0.95 VDD
tSTBY
VIH
VIL
tR (NOTE 1)
tF (NOTE 1)
tRC
VIH
VIL
VDD
CS
5
4
3
2
1
0
-40
-20
0
20
40
60
80
100
EXTERNAL CLOCK SOURCE OF 32kHz
TYPICAL STANDBY (TIMEKEEPING) VOLTAGE
FULL TEMPERATURE RANGE - oC
3V (-40oC
≤ T ≤ +85oC)
2.5V (-0oC
≤ T ≤ +70oC
CDP1879, CDP1879C-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com