Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSJ264D3 Datasheet (PDF) - Intersil Corporation

FSJ264D3 Datasheet PDF - Intersil Corporation
Part # FSJ264D3
Download  FSJ264D3 Download
File Size   48.26 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 33A, 250V, 0.080 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs

FSJ264D3 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSJ264D3 Datasheet PDF - Intersil Corporation

Part # FSJ264D3
Download  FSJ264D3 Click to download

File Size   48.26 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 33A, 250V, 0.080 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs

FSJ264D3 Datasheet (HTML) - Intersil Corporation


FSJ264D3 Product details

Description
The Discrete Products Operation of Intersil has developed a series of Radiation Hardened MOSFETs specifically designed for commercial and military space applications. Enhanced Power MOSFET immunity to Single Event Effects (SEE), Single Event Gate Rupture (SEGR) in particular, is combined with 100K RADS of total dose hardness to provide devices which are ideally suited to harsh space environments. The dose rate and neutron tolerance necessary for military applications have not been sacrificed.

Features
• 33A, 250V, rDS(ON) = 0.080Ω
• Total Dose
    - Meets Pre-RAD Specifications to 100K RAD (Si)
• Single Event
    - Safe Operating Area Curve for Single Event Effects
    - SEE Immunity for LET of 36MeV/mg/cm2 with VDS up to 80% of Rated Breakdown and VGS of 10V Off-Bias
• Dose Rate
    - Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
    - Typically Survives 2E12 if Current Limited to IDM
• Photo Current
    - 21nA Per-RAD(Si)/s Typically
• Neutron
    - Maintain Pre-RAD Specifications for 1E13 Neutrons/cm2
    - Usable to 1E14 Neutrons/cm2




Similar Part No. - FSJ264D3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSJ260D INTERSIL-FSJ260D Datasheet
46Kb / 8P
44A, 200V, 0.050 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ260D1 INTERSIL-FSJ260D1 Datasheet
46Kb / 8P
44A, 200V, 0.050 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ260D3 INTERSIL-FSJ260D3 Datasheet
46Kb / 8P
44A, 200V, 0.050 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ260R INTERSIL-FSJ260R Datasheet
46Kb / 8P
44A, 200V, 0.050 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ260R1 INTERSIL-FSJ260R1 Datasheet
46Kb / 8P
44A, 200V, 0.050 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
More results


Similar Description - FSJ264D3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSF254D INTERSIL-FSF254D Datasheet
45Kb / 8P
18A, 250V, 0.170 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ260D INTERSIL-FSJ260D Datasheet
46Kb / 8P
44A, 200V, 0.050 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL130D INTERSIL-FSL130D Datasheet
45Kb / 8P
8A, 100V, 0.230 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL230D INTERSIL-FSL230D Datasheet
45Kb / 8P
5A, 200V, 0.460 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL234D INTERSIL-FSL234D Datasheet
46Kb / 8P
4A, 250V, 0.610 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL23A4D INTERSIL-FSL23A4D Datasheet
46Kb / 8P
5A, 250V, 0.480 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL430D INTERSIL-FSL430D Datasheet
46Kb / 8P
2A, 500V, 2.50 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS230D INTERSIL-FSS230D Datasheet
46Kb / 8P
8A, 200V, 0.440 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS234D INTERSIL-FSS234D Datasheet
45Kb / 8P
6A, 250V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS23A4D INTERSIL-FSS23A4D Datasheet
46Kb / 8P
7A, 250V, 0.460 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com