Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSJ264D3 Datasheet(PDF) 1 Page - Intersil Corporation

Part # FSJ264D3
Description  33A, 250V, 0.080 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSJ264D3 Datasheet(HTML) 1 Page - Intersil Corporation

  FSJ264D3 Datasheet HTML 1Page - Intersil Corporation FSJ264D3 Datasheet HTML 2Page - Intersil Corporation FSJ264D3 Datasheet HTML 3Page - Intersil Corporation FSJ264D3 Datasheet HTML 4Page - Intersil Corporation FSJ264D3 Datasheet HTML 5Page - Intersil Corporation FSJ264D3 Datasheet HTML 6Page - Intersil Corporation FSJ264D3 Datasheet HTML 7Page - Intersil Corporation FSJ264D3 Datasheet HTML 8Page - Intersil Corporation FSJ264D3 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
3-149
June 1998
FSJ264D, FSJ264R
33A, 250V, 0.080 Ohm, Rad Hard,
SEGR Resistant, N-Channel Power MOSFETs
Features
• 33A, 250V, rDS(ON) = 0.080Ω
• Total Dose
- Meets Pre-RAD Specifications to 100K RAD (Si)
• Single Event
- Safe Operating Area Curve for Single Event Effects
- SEE Immunity for LET of 36MeV/mg/cm2 with
VDS up to 80% of Rated Breakdown and
VGS of 10V Off-Bias
• Dose Rate
- Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
- Typically Survives 2E12 if Current Limited to IDM
• Photo Current
- 21nA Per-RAD(Si)/s Typically
• Neutron
- Maintain Pre-RAD Specifications for 1E13
Neutrons/cm2
- Usable to 1E14 Neutrons/cm2
Formerly available as type TA17668.
Description
The Discrete Products Operation of Intersil has developed a
series
of
Radiation
Hardened
MOSFETs
specifically
designed for commercial and military space applications.
Enhanced Power MOSFET immunity to Single Event Effects
(SEE), Single Event Gate Rupture (SEGR) in particular, is
combined with 100K RADS of total dose hardness to provide
devices which are ideally suited to harsh space environ-
ments. The dose rate and neutron tolerance necessary for
military applications have not been sacrificed.
The Intersil portfolio of SEGR resistant radiation hardened
MOSFETs includes N-Channel and P-Channel devices in a
variety of voltage, current and on-resistance ratings.
Numerous packaging options are also available.
This MOSFET is an enhancement-mode silicon-gate power
field-effect transistor of the vertical DMOS (VDMOS) struc-
ture. It is specially designed and processed to be radiation
tolerant. The MOSFET is well suited for applications
exposed to radiation environments such as switching regula-
tion, switching converters, motor drives, relay drivers and
drivers for high-power bipolar switching transistors requiring
high speed and low gate drive power. This type can be
operated directly from integrated circuits.
Reliability screening is available as either commercial, TXV
equivalent
of
MIL-S-19500,
or
Space
equivalent
of
MIL-S-19500. Contact Intersil for any desired deviations
from the data sheet.
Symbol
Package
TO-254AA
RAD LEVEL
SCREENING LEVEL
PART NUMBER/BRAND
10K
Commercial
FSJ264D1
10K
TXV
FSJ264D3
100K
Commercial
FSJ264R1
100K
TXV
FSJ264R3
100K
Space
FSJ264R4
D
G
S
CAUTION: Beryllia Warning per MIL-S-19500
refer to package specifications.
D
S
G
File Number
4340.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - FSJ264D3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSJ260D INTERSIL-FSJ260D Datasheet
46Kb / 8P
44A, 200V, 0.050 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ260D1 INTERSIL-FSJ260D1 Datasheet
46Kb / 8P
44A, 200V, 0.050 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ260D3 INTERSIL-FSJ260D3 Datasheet
46Kb / 8P
44A, 200V, 0.050 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ260R INTERSIL-FSJ260R Datasheet
46Kb / 8P
44A, 200V, 0.050 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ260R1 INTERSIL-FSJ260R1 Datasheet
46Kb / 8P
44A, 200V, 0.050 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
More results

Similar Description - FSJ264D3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSF254D INTERSIL-FSF254D Datasheet
45Kb / 8P
18A, 250V, 0.170 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ260D INTERSIL-FSJ260D Datasheet
46Kb / 8P
44A, 200V, 0.050 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL130D INTERSIL-FSL130D Datasheet
45Kb / 8P
8A, 100V, 0.230 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL230D INTERSIL-FSL230D Datasheet
45Kb / 8P
5A, 200V, 0.460 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL234D INTERSIL-FSL234D Datasheet
46Kb / 8P
4A, 250V, 0.610 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL23A4D INTERSIL-FSL23A4D Datasheet
46Kb / 8P
5A, 250V, 0.480 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL430D INTERSIL-FSL430D Datasheet
46Kb / 8P
2A, 500V, 2.50 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS230D INTERSIL-FSS230D Datasheet
46Kb / 8P
8A, 200V, 0.440 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS234D INTERSIL-FSS234D Datasheet
45Kb / 8P
6A, 250V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS23A4D INTERSIL-FSS23A4D Datasheet
46Kb / 8P
7A, 250V, 0.460 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com