Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSL130R4 Datasheet (PDF) - Intersil Corporation

FSL130R4 Datasheet PDF - Intersil Corporation
Part # FSL130R4
Download  FSL130R4 Download
File Size   45.97 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 100V, 0.230 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs

FSL130R4 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSL130R4 Datasheet PDF - Intersil Corporation

Part # FSL130R4
Download  FSL130R4 Click to download

File Size   45.97 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 100V, 0.230 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs

FSL130R4 Datasheet (HTML) - Intersil Corporation


FSL130R4 Product details

Description
The Discrete Products Operation of Intersil Corporation has developed a series of Radiation Hardened MOSFETs specifically designed for commercial and military space applications. Enhanced Power MOSFET immunity to Single Event Effects (SEE), Single Event Gate Rupture (SEGR) in particular, is combined with 100K RADS of total dose hardness to provide devices which are ideally suited to harsh space environments. The dose rate and neutron tolerance necessary for military applications have not been sacrificed.

Features
• 8A, 100V, rDS(ON) = 0.230Ω
• Total Dose
    - Meets Pre-RAD Specifications to 100K RAD (Si)
• Single Event
    - Safe Operating Area Curve for Single Event Effects
    - SEE Immunity for LET of 36MeV/mg/cm2 with VDS up to 80% of Rated Breakdown and VGS of 10V Off-Bias
• Dose Rate
    - Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
    - Typically Survives 2E12 if Current Limited to IDM
• Photo Current
    - 1.5nA Per-RAD(Si)/s Typically
• Neutron
    - Maintain Pre-RAD Specifications for 3E13 Neutrons/cm2
    - Usable to 3E14 Neutrons/cm2




Similar Part No. - FSL130R4

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FSL13 GOOD-ARK-FSL13 Datasheet
390Kb / 4P
Surface Mount Schottky Rectifier
logo
Fairchild Semiconductor
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
Green Mode Fairchild Power Switch (FPS??
logo
ON Semiconductor
FSL136HR ONSEMI-FSL136HR Datasheet
565Kb / 15P
Green Mode Power Switch
April, 2020 ??Rev. 3
FSL136HRL ONSEMI-FSL136HRL Datasheet
565Kb / 15P
Green Mode Power Switch
April, 2020 ??Rev. 3
FSL136HRLX ONSEMI-FSL136HRLX Datasheet
565Kb / 15P
Green Mode Power Switch
April, 2020 ??Rev. 3
More results


Similar Description - FSL130R4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSF150D INTERSIL-FSF150D Datasheet
45Kb / 8P
25A, 100V, 0.070 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ160D INTERSIL-FSJ160D Datasheet
60Kb / 9P
70A, 100V, 0.022 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ9160D INTERSIL-FSJ9160D Datasheet
46Kb / 8P
44A, -100V, 0.055 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL110D INTERSIL-FSL110D Datasheet
58Kb / 8P
3.5A, 100V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
October 1998
FSL13A0D INTERSIL-FSL13A0D Datasheet
71Kb / 8P
9A, 100V, 0.180 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1999
FSS130D INTERSIL-FSS130D Datasheet
45Kb / 8P
11A, 100V, 0.210 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS13A0D INTERSIL-FSS13A0D Datasheet
71Kb / 8P
2A, 100V, 0.170 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 2000
FSS230D INTERSIL-FSS230D Datasheet
46Kb / 8P
8A, 200V, 0.440 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS9130D INTERSIL-FSS9130D Datasheet
44Kb / 8P
6A, -100V, 0.660 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
JANSR2N7395 INTERSIL-JANSR2N7395 Datasheet
45Kb / 8P
8A, 100V, 0.230 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com