Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSL430R4 Datasheet (PDF) - Intersil Corporation

FSL430R4 Datasheet PDF - Intersil Corporation
Part # FSL430R4
Download  FSL430R4 Download
File Size   46.85 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2A, 500V, 2.50 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs

FSL430R4 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSL430R4 Datasheet PDF - Intersil Corporation

Part # FSL430R4
Download  FSL430R4 Click to download

File Size   46.85 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2A, 500V, 2.50 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs

FSL430R4 Datasheet (HTML) - Intersil Corporation


FSL430R4 Product details

Description
The Discrete Products Operation of Intersil has developed a series of Radiation Hardened MOSFETs specifically designed for commercial and military space applications. Enhanced Power MOSFET immunity to Single Event Effects (SEE), Single Event Gate Rupture (SEGR) in particular, is combined with 100K RADS of total dose hardness to provide devices which are ideally suited to harsh space environments. The dose rate and neutron tolerance necessary for military applications have not been sacrificed.

Features
• 2A, 500V, rDS(ON) = 2.50Ω
• Total Dose
    - Meets Pre-RAD Specifications to 100K RAD (Si)
• Single Event
    - Safe Operating Area Curve for Single Event Effects
    - SEE Immunity for LET of 36MeV/mg/cm2 with VDS up to 80% of Rated Breakdown and VGS of 10V Off-Bias
• Dose Rate
    - Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
    - Typically Survives 2E12 if Current Limited to IDM
• Photo Current
    - 8.0nA Per-RAD(Si)/s Typically
• Neutron
    - Maintain Pre-RAD Specifications for 3E12 Neutrons/cm2
    - Usable to 3E13 Neutrons/cm2




Similar Part No. - FSL430R4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSL4110LR ONSEMI-FSL4110LR Datasheet
394Kb / 16P
1000 V SenseFET Integrated Power Switch
April, 2022 - Rev. 2
FSL4110LRLX ONSEMI-FSL4110LRLX Datasheet
394Kb / 16P
1000 V SenseFET Integrated Power Switch
April, 2022 - Rev. 2
FSL4110LRN ONSEMI-FSL4110LRN Datasheet
394Kb / 16P
1000 V SenseFET Integrated Power Switch
April, 2022 - Rev. 2
logo
Fuzetec Technology Co.,...
FSL450LF-N FUZETEC-FSL450LF-N Datasheet
98Kb / 3P
Axial Leaded Low Rho PTC Resettable Fuse: FSL-N Series
More results


Similar Description - FSL430R4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRL430D INTERSIL-FRL430D Datasheet
47Kb / 6P
2A, 500V, 2.50 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM430D INTERSIL-FRM430D Datasheet
48Kb / 6P
3A, 500V, 2.50 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FSF450D INTERSIL-FSF450D Datasheet
45Kb / 8P
9A, 500V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ264D INTERSIL-FSJ264D Datasheet
48Kb / 9P
33A, 250V, 0.080 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL130D INTERSIL-FSL130D Datasheet
45Kb / 8P
8A, 100V, 0.230 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL230D INTERSIL-FSL230D Datasheet
45Kb / 8P
5A, 200V, 0.460 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS13A0D INTERSIL-FSS13A0D Datasheet
71Kb / 8P
2A, 100V, 0.170 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 2000
FSS230D INTERSIL-FSS230D Datasheet
46Kb / 8P
8A, 200V, 0.440 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS430D INTERSIL-FSS430D Datasheet
46Kb / 8P
3A, 500V, 2.70 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
JANSR2N7398 INTERSIL-JANSR2N7398 Datasheet
45Kb / 8P
2A, 500V, 2.50 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com